Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT54
Description  Schottky barrier diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT54_15 Datasheet HTML 1Page - NXP Semiconductors BAT54_15 Datasheet HTML 2Page - NXP Semiconductors BAT54_15 Datasheet HTML 3Page - NXP Semiconductors BAT54_15 Datasheet HTML 4Page - NXP Semiconductors BAT54_15 Datasheet HTML 5Page - NXP Semiconductors BAT54_15 Datasheet HTML 6Page - NXP Semiconductors BAT54_15 Datasheet HTML 7Page - NXP Semiconductors BAT54_15 Datasheet HTML 8Page - NXP Semiconductors BAT54_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAT54_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 5 October 2012
3 of 11
NXP Semiconductors
BAT54 series
Schottky barrier diodes
5.
Limiting values
[1]
Tj =25 C before surge.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
Tamb =25 C-
200
mA
IFRM
repetitive peak forward
current
tp  1s;  0.5;
Tamb =25 C
-300
mA
IFSM
non-repetitive peak
forward current
square wave;
tp <10ms
[1] -600
mA
Per device; one diode loaded
Ptot
total power dissipation
Tamb  25 C
[2] -250
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device; one diode loaded
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
500
K/W


Similar Part No. - BAT54_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAT54 SECOS-BAT54_15 Datasheet
153Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAT54 DIODES-BAT54_15 Datasheet
278Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
KEC(Korea Electronics)
BAT54 KEC-BAT54_15 Datasheet
346Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE
logo
Galaxy Semi-Conductor H...
BAT54 BILIN-BAT54_15 Datasheet
215Kb / 3P
   Surface Mount Schottky Barrier diode
More results

Similar Description - BAT54_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com