Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL1404PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRL1404PBF
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1404PBF Datasheet(HTML) 2 Page - International Rectifier

  IRL1404PBF_15 Datasheet HTML 1Page - International Rectifier IRL1404PBF_15 Datasheet HTML 2Page - International Rectifier IRL1404PBF_15 Datasheet HTML 3Page - International Rectifier IRL1404PBF_15 Datasheet HTML 4Page - International Rectifier IRL1404PBF_15 Datasheet HTML 5Page - International Rectifier IRL1404PBF_15 Datasheet HTML 6Page - International Rectifier IRL1404PBF_15 Datasheet HTML 7Page - International Rectifier IRL1404PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRL1404PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.038 –––
V/°C Reference to 25°C, ID = 1mA
–––
–––
4.0
VGS = 10V, ID = 95A
„
–––
–––
5.9
VGS = 4.3V, ID = 40A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
93
–––
–––
S
VDS = 25V, ID = 95A
–––
–––
20
µA
VDS = 40V, VGS = 0V
–––
–––
250
VDS = 32V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
140
ID = 95A
Qgs
Gate-to-Source Charge
–––
–––
48
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
60
VGS = 5.0V, See Fig. 6
„
td(on)
Turn-On Delay Time
–––
18
–––
VDD = 20V
tr
Rise Time
–––
270
–––
ID = 95A
td(off)
Turn-Off Delay Time
–––
38
–––
RG = 2.5
VGS = 4.5V
tf
Fall Time
–––
37
–––
RD = 0.25
Ω „
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
6590 –––
VGS = 0V
Coss
Output Capacitance
–––
1710 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
350
–––
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
6650 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
1510 –––
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
1480 –––
VGS = 0V, VDS = 0V to 32V
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 95A, VGS = 0V
„
trr
Reverse Recovery Time
–––
63
94
ns
TJ = 25°C, IF = 95A
Qrr
Reverse RecoveryCharge
–––
170 250
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
160
†
640
A
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11).
‚ Starting TJ = 25°C, L = 0.35mH
RG = 25
Ω, IAS = 95A. (See Figure 12).
ƒ ISD ≤ 95A, di/dt ≤ 160A/µs, VDD ≤ V(BR)DSS,
TJ
≤ 175°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Calculated continuous current based on maximum allowable
junction temperature; for recommended current-handing of the
package refer to Design Tip # 93-4.
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
m
RDS(on)
Static Drain-to-Source On-Resistance


Similar Part No. - IRL1404PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
More results

Similar Description - IRL1404PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com