Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1248 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1248
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1248 Datasheet HTML 1Page - Maxim Integrated Products MAX1248 Datasheet HTML 2Page - Maxim Integrated Products MAX1248 Datasheet HTML 3Page - Maxim Integrated Products MAX1248 Datasheet HTML 4Page - Maxim Integrated Products MAX1248 Datasheet HTML 5Page - Maxim Integrated Products MAX1248 Datasheet HTML 6Page - Maxim Integrated Products MAX1248 Datasheet HTML 7Page - Maxim Integrated Products MAX1248 Datasheet HTML 8Page - Maxim Integrated Products MAX1248 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VDD = 5.25V
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
4
_______________________________________________________________________________________
1.2
2.0
3.5
15
Operating mode,
full-scale input (Note 11)
30
70
Fast power-down (MAX1248)
nA
±100
SHDN Maximum Allowed
Leakage, Mid Input
V
VDD / 2
VFLT
SHDN Voltage, Floating
SHDN = FLOAT
SHDN = FLOAT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
1.2
10
IDD
CONDITIONS
Positive Supply Current
mA
1.6
3.0
µA
±0.01
±10
IL
Three-State Leakage Current
V
VDD - 0.5
VOH
Output Voltage High
V
0.8
VOL
Output Voltage Low
0.4
V
2.70
5.25
VDD
Positive Supply Voltage
pF
15
COUT
Three-State Output Capacitance
Full power-down
CS = VDD (Note 10)
CS = VDD
ISOURCE = 0.5mA
ISINK = 16mA
ISINK = 5mA
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX1248—4.7µF capacitor at VREF pin; MAX1249—external reference; VREF = 2.500V applied to VREF pin, TA = TMIN to TMAX,
unless otherwise noted.)
mV
±0.3
PSR
Supply Rejection (Note 12)
VDD = 2.7V to 5.25V, full-scale input,
external reference = 2.500V
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER REQUIREMENTS
IDD
VDD = 5.25V
VDD = 3.6V
VDD = 5.25V
VDD = 3.6V


Similar Part No. - MAX1248

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248ACEE MAXIM-MAX1248ACEE Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248ACPE MAXIM-MAX1248ACPE Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248AEEE MAXIM-MAX1248AEEE Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1248AEPE MAXIM-MAX1248AEPE Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
More results

Similar Description - MAX1248

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com