Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1203BCPP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1203BCPP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1203BCPP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1203BCPP Datasheet HTML 7Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 8Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 9Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 10Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 11Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 12Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 13Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 14Page - Maxim Integrated Products MAX1203BCPP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Table 1a. Unipolar Full Scale and Zero
Scale
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
______________________________________________________________________________________
11
Input Bandwidth
The ADC’s input tracking circuitry has a 4.5MHz
small-signal bandwidth. Therefore it is possible to digi-
tize high-speed transient events and measure periodic
signals with bandwidths exceeding the ADC’s sampling
rate by using undersampling techniques. To avoid
high-frequency signals being aliased into the frequency
band of interest, anti-alias filtering is recommended.
Analog Input Range and Input Protection
Internal protection diodes, which clamp the analog
inputs to VDD and VSS, allow the analog input pins to
swing from (VSS - 0.3V) to (VDD + 0.3V) without dam-
age. However, for accurate conversions near full scale,
the inputs must not exceed VDD by more than 50mV, or
be lower than VSS by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, do not forward bias the protection diodes of
off-channels more than 2mA.
The full-scale input voltage depends on the voltage at
REF (Tables 1a and 1b).
Quick Look
Use the circuit of Figure 5 to quickly evaluate the
MAX1202/MAX1203’s analog performance. The
MAX1202/MAX1203 require a control byte to be written
to DIN before each conversion. Tying DIN to +3V feeds
in control byte $FF hex, which triggers single-ended
unipolar conversions on CH7 in external clock mode
without powering down between conversions. In exter-
nal clock mode, the SSTRB output pulses high for one
clock period before the most significant bit of the 12-bit
conversion result shifts out of DOUT. Varying the ana-
log input to CH7 alters the sequence of bits from
DOUT. A total of 15 clock cycles per conversion is
required. All SSTRB and DOUT output transitions occur
on SCLK’s falling edge.
How to Start a Conversion
Clocking a control byte into DIN starts conversion on
the MAX1202/MAX1203. With CS low, each rising edge
on SCLK clocks a bit from DIN into the MAX1202/
MAX1203’s internal shift register. After CS falls, the first
logic “1” bit defines the control byte’s MSB. Until this
first “start” bit arrives, any number of logic “0” bits can
be clocked into DIN with no effect. Table 2 shows the
control-byte format.
The MAX1202/MAX1203 are fully compatible with
SPI/MICROWIRE devices. For SPI, select the correct
clock polarity and sampling edge in the SPI control reg-
isters: set CPOL = 0 and CPHA = 0. MICROWIRE and
SPI both transmit and receive a byte at the same time.
Using the
Typical Operating Circuit, the simplest soft-
ware interface requires only three 8-bit transfers to per-
form a conversion (one 8-bit transfer to configure the
ADC, and two more 8-bit transfers to clock out the
12-bit conversion result).
Table 1b. Bipolar Full Scale, Zero Scale,
and Negative Full Scale
REFERENCE
External
ZERO
SCALE
0V
0V
at REFADJ
at REF
FULL SCALE
VREFADJ x A*
VREF
0V
Internal
+4.096V
-1/2 VREFADJ
x A*
-1/2 VREF
NEGATIVE
FULL SCALE
-4.096V / 2
+1/2 VREF
+1/2 VREFADJ
x A*
0V
0V
+4.096V / 2
FULL SCALE
0V
ZERO
SCALE
at
REFADJ
External
REFERENCE
Internal
at REF
*
A = 1.68 for the MAX1202, 1.64 for the MAX1203.
*
A = 1.68 for the MAX1202, 1.64 for the MAX1203.


Similar Part No. - MAX1203BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1203BCPP++ MAXIM-MAX1203BCPP+ Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results

Similar Description - MAX1203BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com