Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M53D2561616A-2F Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M53D2561616A-2F
Description  Bi-directional data strobe (DQS)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M53D2561616A-2F Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M53D2561616A-2F Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M53D2561616A-2F Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
ESMT
M53D2561616A (2F)
Elite Semiconductor Memory Technology Inc.
Publication Date : Feb. 2014
Revision : 1.1
5/47
TCSR range
45
75
C
°
Full array
650
700
μ
A
1/2 array
600
650
μ
A
1/4 array
550
600
μ
A
1/8 array
500
550
μ
A
Self Refresh Current
IDD6
CKE = LOW, CLK = LOW,
CLK = HIGH; EMRS set to all
0’s; address & control & data bus
inputs are STABLE
1/16 array
450
500
μ
A
Deep Power Down
Current
IDD8
address & control & data inputs are STABLE
10
μ
A
Note: 1. Input slew rate is 1V/ns.
2. IDD specifications are tested after the device is properly initialized.
3. Definitions for IDD: LOW is defined as V IN ≤ 0.1 * V DDQ;
HIGH is defined as V IN ≥ 0.9 * V DDQ;
STABLE is defined as inputs stable at a HIGH or LOW level;
SWITCHING is defined as: - address and command: inputs changing between HIGH and LOW once
per two clock cycles;
- data bus inputs: DQ changing between HIGH and LOW once per clock
cycle; DM and DQS are STABLE.
AC Operation Conditions & Timing Specification
AC Operation Conditions
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIHD(AC)
0.8 x VDDQ
VDDQ+0.3
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VILD(AC)
-0.3
0.2 x VDDQ
V
Input Differential Voltage, CLK and CLK inputs
VID(AC)
0.6 x VDDQ
VDDQ+0.6
V
1
Input Crossing Point Voltage, CLK and CLK inputs
VIX(AC)
0.4 x VDDQ
0.6 x VDDQ
V
2
Note: 1. VID is the magnitude of the difference between the input level on CLK and the input on CLK .
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the
same.
Input / Output Capacitance
(VDD = 1.8V, VDDQ =1.8V, TA = 25 C
° , f = 1MHz)
Parameter
Symbol
Min
Max
Unit
Input capacitance
(A0~A12, BA0~BA1, CKE, CS , RAS , CAS , WE )
CIN1
2
5
pF
Input capacitance (CLK, CLK )
CIN2
4
7
pF
Data & DQS input/output capacitance
COUT
2
7
pF
Input capacitance (DM)
CIN3
2
6
pF


Similar Part No. - M53D2561616A-2F

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D2561616A-5BG2F ESMT-M53D2561616A-5BG2F Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A-6BG2F ESMT-M53D2561616A-6BG2F Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D2561616A-7.5BG2F ESMT-M53D2561616A-7.5BG2F Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
More results

Similar Description - M53D2561616A-2F

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
M53S64322A-2E ESMT-M53S64322A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
logo
Leshan Radio Company
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
   Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com