Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1204AEAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1204AEAP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204AEAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1204AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX1204AEAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
_______________________________________________________________________________________
7
1.0
2.0
1.8
1.6
1.4
1.2
4.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.7
5.1
5.5
4.9
1.0
-60
SUPPLY CURRENT
vs. TEMPERATURE
1.2
TEMPERATURE (°C)
100
1.6
1.4
-20
60
140
2.0
1.8
20
6
5
0
-60
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
4
TEMPERATURE (
°C)
60
2
1
-20
20
3
100
140
REFADJ = GND
__________________________________________Typical Operating Characteristics
(VDD = 5V ±5%; VL = 2.7V to 3.6V; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
4.7µF capacitor at REF; TA = +25°C; unless otherwise noted.)
NAME
FUNCTION
1–8
CH0–CH7
Sampling Analog Inputs
9
VSS
Negative Supply Voltage. Tie VSS to -5V ±5% or GND.
PIN
10
SHDN
Three-Level Shutdown Input. Pulling
SHDN low shuts the MAX1204 down to 10µA (max) supply
current; otherwise, the MAX1204 is fully operational. Pulling
SHDN to VDD puts the reference-buffer
amplifier in internal compensation mode. Letting
SHDN float puts the reference-buffer amplifier in
external compensation mode.
11
REF
Reference Buffer Output/ADC Reference Input. In internal reference mode, the reference buffer
provides a 4.096V nominal output, externally adjustable at REFADJ. In external reference mode,
disable the internal buffer by pulling REFADJ to VDD.
15
DOUT
Serial-Data Output. Data is clocked out at SCLK’s falling edge. High impedance when
CS is high.
14
VL
Supply Voltage for Digital Output Pins. Voltage applied to VL determines the positive output swing of
the Digital Outputs (DOUT, SSTRB).
13
GND
Ground; IN- Input for Single-Ended Conversions
12
REFADJ
Input to the Reference-Buffer Amplifier. Tie REFADJ to VDD to disable the reference-buffer amplifier.
20
VDD
Positive Supply Voltage, +5V ±5%
19
SCLK
Serial-Clock Input. SCLK clocks data in and out of serial interface. In external clock mode, SCLK also
sets the conversion speed. (Duty cycle must be 40% to 60% in external clock mode.)
18
CS
Active-Low Chip Select. Data is not clocked into DIN unless
CS is low. When CS is high, DOUT is
high impedance.
17
DIN
Serial-Data Input. Data is clocked in at SCLK’s rising edge.
16
SSTRB
Serial-Strobe Output. In internal clock mode, SSTRB goes low when the MAX1204 begins the analog-
to-digital conversion and goes high when the conversion is finished. In external clock mode, SSTRB
pulses high for one clock period before the MSB decision. High impedance when
CS is high (external
clock mode).
______________________________________________________________Pin Description


Similar Part No. - MAX1204AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204ACAP MAXIM-MAX1204ACAP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204ACPP MAXIM-MAX1204ACPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results

Similar Description - MAX1204AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com