Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1204BEAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1204BEAP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204BEAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1204BEAP Datasheet HTML 1Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 2Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 3Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 4Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 5Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 6Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 7Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 8Page - Maxim Integrated Products MAX1204BEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
_______________General Description
The MAX1204 is a 10-bit data-acquisition system
specifically designed for use in applications with mixed
+5V (analog) and +3V (digital) supply voltages. It oper-
ates with a single +5V analog supply or dual ±5V ana-
log supplies, and combines an 8-channel multiplexer,
internal track/hold, and serial interface with high con-
version speed and low power consumption.
A 4-wire serial interface connects directly to
SPI™/Microwire™ devices without external logic, and a
serial strobe output allows direct connection to
TMS320-family digital signal processors. The MAX1204
uses either the internal clock or an external serial-
interface clock to perform successive-approximation
analog-to-digital conversions. The serial interface oper-
ates at up to 2MHz.
The MAX1204 features an internal 4.096V reference and
a reference-buffer amplifier that simplifies gain trim. It
also has a VL pin that supplies power to the digital out-
puts. Output logic levels (3V, 3.3V, or 5V) are determined
by the value of the voltage applied to this pin.
A hard-wired
SHDN pin and two software-selectable
power-down modes are provided. Accessing the serial
interface automatically powers up the device. A quick
turn-on time allows the MAX1204 to be shut down
between conversions, enabling the user to optimize
supply currents. By customizing power-down between
conversions, supply current can drop below 10µA at
reduced sampling rates.
The MAX1204 is available in 20-pin SSOP and DIP
packages, and is specified for the commercial, extend-
ed, and military temperature ranges.
________________________Applications
5V/3V Mixed-Supply Systems
Data Acquisition
Process Control
Battery-Powered Instruments
Medical Instruments
____________________________Features
o 8-Channel Single-Ended or 4-Channel
Differential Inputs
o Operates from +5V Single or ±5V Dual Supplies
o User-Adjustable Output Logic Levels
(2.7V to 5.25V)
o Low Power: 1.5mA (operating mode)
2µA (power-down mode)
o Internal Track/Hold, 133kHz Sampling Rate
o Internal 4.096V Reference
o SPI/Microwire/TMS320-Compatible
4-Wire Serial Interface
o Software-Configurable Unipolar/Bipolar Inputs
o 20-Pin DIP/SSOP
o Pin-Compatible 12-Bit Upgrade: MAX1202
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TOP VIEW
DIP/SSOP
VDD
SCLK
CS
DIN
SSTRB
DOUT
VL
GND
REFADJ
REF
SHDN
VSS
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
MAX1204
__________________Pin Configuration
19-1179; Rev 0; 1/97
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Typical Operating Circuit appears on last page.
SPI is a registered trademark of Motorola, Inc.
Microwire is a registered trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
PART
MAX1204ACPP
MAX1204BCPP
MAX1204ACAP
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE PIN-PACKAGE
20 Plastic DIP
20 Plastic DIP
20 SSOP
MAX1204BCAP
0°C to +70°C
20 SSOP
INL
(LSB)
±1/2
±1
±1/2
±1


Similar Part No. - MAX1204BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204BCAP MAXIM-MAX1204BCAP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204BCPP MAXIM-MAX1204BCPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results

Similar Description - MAX1204BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com