Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52D128168A-2E Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D128168A-2E
Description  LVCMOS compatible with multiplexed address
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D128168A-2E Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52D128168A-2E Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52D128168A-2E Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
ESMT
M52D128168A (2E)
Elite Semiconductor Memory Technology Inc.
Publication Date: Aug. 2012
Revision: 1.0
7/47
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1 CKEn CS RAS CAS WE DQM BA0
BA1
A10/AP
A11,
A9~A0
Note
Mode Register set
Register
Extended Mode Register
set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
X
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A8)
4,5
Auto Precharge Disable
L
4
Write &
Column Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0~A8)
4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
Precharge
All Banks
H
X
L
L
H
L
X
X
H
X
H
X
X
X
Entry
H
L
L
H
H
H
X
Clock Suspend or
Active Power Down Mode
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down Mode
Exit
L
H
L
H
H
H
X
X
DQM
H
X
V
X
7
H
X
X
X
No Operating Command
H
X
L
H
H
H
X
X
Entry
H
L
L
H
H
L
X
Deep Power Down Mode
Exit
L
H
X
X
X
X
X
X
(V = Valid, X = Don’t Care. H = Logic High, L = Logic Low)
Note:
1.OP Code: Operating Code
A0~A11 & BA0~BA1: Program keys. (@ MRS). BA1=0 for MRS and BA1=1 for EMRS
2.MRS/EMRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS/EMRS.
3.Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge of command is meant by “Auto”.
Auto/self refresh can be issued only at all banks idle state.
4.BA0~BA1: Bank select addresses.
If both BA0 and BA1 are “Low” at read, write, row active and precharge, bank A is selected.
If both BA0 is “Low” and BA1 is “High” at read, write, row active and precharge, bank B is selected.
If both BA0 is “High” and BA1 is “Low” at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are “High” at read, write, row active and precharge, bank D is selected
If A10/AP is “High” at row precharge, BA0 and BA1 is ignored and all banks are selected.
5.During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6.Burst stop command is valid at every burst length.
7.DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (write DQM latency is 0), but
makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2)


Similar Part No. - M52D128168A-2E

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D128168A-10BG ESMT-M52D128168A-10BG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A-10BG ESMT-M52D128168A-10BG Datasheet
1Mb / 48P
   2M x 16 Bit x 4 Banks Mobile Synchronous DRAM
M52D128168A-10BIG ESMT-M52D128168A-10BIG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A-10TG ESMT-M52D128168A-10TG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A-10TG ESMT-M52D128168A-10TG Datasheet
1Mb / 48P
   2M x 16 Bit x 4 Banks Mobile Synchronous DRAM
More results

Similar Description - M52D128168A-2E

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D128324A-2E ESMT-M52D128324A-2E Datasheet
763Kb / 31P
   LVCMOS compatible with multiplexed address
M52D16161A-2J ESMT-M52D16161A-2J Datasheet
939Kb / 32P
   LVCMOS compatible with multiplexed address
M52D2561616A-2F ESMT-M52D2561616A-2F Datasheet
780Kb / 46P
   LVCMOS compatible with multiplexed address
M52S16161A-2J ESMT-M52S16161A-2J Datasheet
882Kb / 31P
   LVCMOS compatible with multiplexed address
M52D256328A-2F ESMT-M52D256328A-2F Datasheet
746Kb / 46P
   LVCMOS compatible with multiplexed address
M52D64164A-2E ESMT-M52D64164A-2E Datasheet
962Kb / 47P
   LVCMOS compatible with multiplexed address
M52S128168A-2E ESMT-M52S128168A-2E Datasheet
1Mb / 47P
   LVCMOS compatible with multiplexed address
logo
STMicroelectronics
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
logo
Elite Semiconductor Mem...
F59L512M81A ESMT-F59L512M81A Datasheet
1Mb / 40P
   Command/Address/Data Multiplexed I/O Port
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com