Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1204BMJP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1204BMJP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204BMJP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1204BMJP Datasheet HTML 5Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 6Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 7Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 8Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 9Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 10Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 11Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 12Page - Maxim Integrated Products MAX1204BMJP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
_______________________________________________________________________________________
9
Track/Hold
The T/H enters tracking mode on the falling clock edge
after the fifth bit of the 8-bit control word is shifted in. The
T/H enters hold mode on the falling clock edge after the
eighth bit of the control word is shifted in. IN- is connect-
ed to GND if the converter is set up for single-ended
inputs, and the converter samples the “+” input. IN- con-
nects to the “-” input if the converter is set up for differen-
tial inputs, and the difference of |N+ - IN-is sampled.
The positive input connects back to IN+ at the end of
the conversion, and CHOLD charges to the input signal.
The time required for the T/H to acquire an input signal is
a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
acquisition time increases and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time needed for the
signal to be acquired. It is calculated by the following:
tACQ = 7 x (RS + RIN) x 16pF
where RIN = 9kΩ, RS = the source impedance of the
input signal, and tACQ is never less than 1.5µs. Note that
source impedances below 4k
Ωdo not significantly affect
the ADC’s AC performance. Higher source impedances
can be used if an input capacitor is connected to the
analog inputs, as shown in Figure 5. Note that the input
capacitor forms an RC filter with the input source imped-
ance, limiting the ADC’s signal bandwidth.
Figure 5. Quick-Look Circuit
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
GND
CSWITCH
TRACK
T/H
SWITCH
9k
RIN
CHOLD
HOLD
CAPACITIVE DAC
REF
ZERO
COMPARATOR
+
16pF
SINGLE-ENDED MODE:
DIFFERENTIAL MODE:
IN+ = CHO–CH7, IN- = GND.
IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, CH6/CH7.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN– CHANNEL.
INPUT
MUX
0.1µF
VDD
GND
VSS
CS
SCLK
DIN
DOUT
SSTRB
SHDN
+3V
N.C.
0.01µF
CH7
VL
REFADJ
REF
C2
0.01µF
C1
4.7µF
0V TO
4.096V
ANALOG
INPUT
0.1µF
+3V
OSCILLOSCOPE
CH1
CH2
CH3
CH4
FULL-SCALE ANALOG INPUT
MAX1204
+5V
2MHz
OSCILLATOR
SCLK
SSTRB
DOUT
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1204BMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204BCAP MAXIM-MAX1204BCAP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204BCPP MAXIM-MAX1204BCPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results

Similar Description - MAX1204BMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com