Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M14D128168A-2M Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M14D128168A-2M
Description  Internal pipelined double-data-rate architecture; two data access per clock cycle
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M14D128168A-2M Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M14D128168A-2M Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M14D128168A-2M Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ESMT
M14D128168A (2M)
Elite Semiconductor Memory Technology Inc.
Publication Date : Mar. 2013
Revision : 1.4
8/59
AC Operation Conditions & Timing Specification
AC Operation Conditions
-1.8
-2.5
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Input High (Logic 1) Voltage
VIH(AC)
VREF + 0.2
VREF + 0.2
V
Input Low (Logic 0) Voltage
VIL(AC)
VREF - 0.2
VREF - 0.2
V
Input Differential Voltage
VID(AC)
0.5
VDDQ + 0.6
0.5
VDDQ
V
1
Input Crossing Point Voltage
VIX(AC)
0.5 x VDDQ -
0.175
0.5 x VDDQ +
0.175
0.5 x VDDQ -
0.175
0.5 x VDDQ +
0.175
V
2
Output Crossing Point Voltage VOX(AC)
0.5 x VDDQ -
0.125
0.5 x VDDQ +
0.125
0.5 x VDDQ -
0.125
0.5 x VDDQ +
0.125
V
2
Note:
1. VID(AC) specifies the input differential voltage |VTR – VCP| required for switching, where VTR is the true input signal (such
as CLK,DQS) and VCP is the complementary input signal (such as CLK , DQS ). The minimum value is equal to VIH(AC) –
VIL(AC).
2. The typical value of VIX / VOX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VIX / VOX(AC) is
expected to track variations in VDDQ. VIX / VOX(AC) indicates the voltage at which differential input / output signals must
cross.
Input / Output Capacitance
Parameter
Symbol
Min.
Max.
Unit Note
Input capacitance
(A0~A12, BA0~BA1, CKE, CS , RAS , CAS , WE , ODT)
CIN1
0.5
1.5
pF
1
Input capacitance (CLK, CLK )
CIN2
0.5
1.0
pF
1
DQS, DQS & Data input/output capacitance
CI / O
1.5
3.5
pF
2
Input capacitance (DM)
CIN3
0.5
1.5
pF
2
Note: 1. Maximum capacitance delta is 0.25 pF.
2. Maximum capacitance delta is 0.5 pF.


Similar Part No. - M14D128168A-2M

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M14D128168A ESMT-M14D128168A Datasheet
786Kb / 59P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
More results

Similar Description - M14D128168A-2M

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M14D1G1664A-2S ESMT-M14D1G1664A-2S Datasheet
707Kb / 65P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D1G1664A-2D ESMT-M14D1G1664A-2D Datasheet
724Kb / 64P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D2561616A-2E ESMT-M14D2561616A-2E Datasheet
1Mb / 61P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D128168A ESMT-M14D128168A Datasheet
786Kb / 59P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D5121632A-2K ESMT-M14D5121632A-2K Datasheet
753Kb / 64P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com