Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S64164A-2Y Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S64164A-2Y
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S64164A-2Y Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S64164A-2Y Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S64164A-2Y Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
ESMT
M13S64164A (2Y)
Automotive Grade
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
7/49
IDD Specifications
Version
Symbol
-4
-5
-6
Unit
IDD0
75
65
55
mA
IDD1
85
75
65
mA
IDD2P
8
mA
IDD2F
40
35
30
mA
IDD2Q
40
35
30
mA
IDD3P
15
15
15
mA
IDD3N
70
60
50
mA
IDD4R
130
120
110
mA
IDD4W
120
110
100
mA
IDD5
70
60
50
mA
IDD6
3
mA
IDD7
150
130
110
mA
Input / Output Capacitance
Parameter
Package
Symbol
Min
Max
Delta Cap
(max)
Unit
Note
TSOP
2
4
pF
Input capacitance (A0~A11, BA0~BA1,
CKE, CS , RAS , CAS , WE )
BGA
CIN1
TBD
TBD
0.5
pF
1,4
TSOP
2
4
pF
Input capacitance (CLK, CLK )
BGA
CIN2
TBD
TBD
0.25
pF
1,4
TSOP
2
6
pF
Data & DQS input/output capacitance
BGA
COUT
TBD
TBD
0.5
pF
1,2,3,4
TSOP
2
4
pF
Input capacitance (DM)
BGA
CIN3
TBD
TBD
0.5
pF
1,2,3,4
Notes:
1. These values are guaranteed by design and are tested on a sample basis only.
2. Although DM is an input -only pin, the input capacitance of this pin must model the input capacitance of the DQ and
DQS pins. This is required to match signal propagation times of DQ, DQS, and DM in the system.
3. Unused pins are tied to ground.
4. This parameter is sampled. For all devices, VDDQ = 2.5V ± 0.2V, VDD = 2.5V ± 0.2V. f=100MHz, TA =25°C, VOUT(DC) =
VDDQ/2, VOUT (peak to peak) = 0.2V. DM inputs are grouped with I/O pins - reflecting the fact that they are matched in
loading (to facilitate trace matching at the board level).


Similar Part No. - M13S64164A-2Y

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A-5BG ESMT-M13S64164A-5BG Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A-5BG ESMT-M13S64164A-5BG Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A-5BIG ESMT-M13S64164A-5BIG Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A-5TG ESMT-M13S64164A-5TG Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A-5TG ESMT-M13S64164A-5TG Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S64164A-2Y

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com