Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L128168A-2N Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L128168A-2N
Description  JEDEC standard 3.3V power supply
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L128168A-2N Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L128168A-2N Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L128168A-2N Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
ESMT
M12L128168A (2N)
Automotive Grade
Elite Semiconductor Memory Technology Inc.
Publication Date: Jun. 2012
Revision: 1.1
7/46
AC CHARACTERISTICS (AC operating condition unless otherwise noted)
-5
-6
-7
Parameter
Symbol
MIN
MAX
MIN
MAX
MIN
MAX
Unit
Note
CAS latency = 3
5
6
7
CLK cycle time
CAS latency = 2
tCC
10
1000
10
1000
10
1000
ns
1
CAS latency = 3
5
5.4
5.4
CLK to valid
output delay
CAS latency = 2
tSAC
6
6
6
ns
1,2
CAS latency = 3
2
2
2
Output data
hold time
CAS latency = 2
tOH
2
2
2
ns
2
CLK high pulse width
tCH
2
2.5
2.5
ns
3
CLK low pulse width
tCL
2
2.5
2.5
ns
3
Input setup time
tSS
1.5
1.5
1.5
ns
3
Input hold time
tSH
0.8
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CAS latency = 3
4.5
5.4
5.4
CLK to output
in Hi-Z
CAS latency = 2
tSHZ
6
6
6
ns
-
Note:
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns. (tr/2 - 0.5) ns should be considered.
3. Assumed input rise and fall time (tr & tf) =1ns.
If tr & tf is longer than 1ns. transient time compensation should be considered.
i.e., [(tr + tf)/2 – 1] ns should be added to the parameter.


Similar Part No. - M12L128168A-2N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128168A-5BG ESMT-M12L128168A-5BG Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-5BG2L ESMT-M12L128168A-5BG2L Datasheet
688Kb / 45P
   ABSOLUTE MAXIMUM RATINGS
M12L128168A-5BIG ESMT-M12L128168A-5BIG Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-5T ESMT-M12L128168A-5T Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A-5TG ESMT-M12L128168A-5TG Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L128168A-2N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A-2A ESMT-M12L2561616A-2A Datasheet
932Kb / 45P
   JEDEC standard 3.3V power supply
M12L32321A-2G ESMT-M12L32321A-2G Datasheet
525Kb / 28P
   JEDEC standard 3.3V 짹 0.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com