Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L64164A-2Y Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A-2Y
Description  JEDEC standard 3.3V power supply
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A-2Y Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M12L64164A-2Y Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A-2Y Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
ESMT
M12L64164A (2Y)
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2012
Revision: 1.1
4/45
DC CHARACTERISTICS
Recommended operating condition unless otherwise noted
VERSION
PARAMETER
SYMBOL
TEST CONDITION
-5
-6
-7
UNIT
NOTE
Operating Current
(One Bank Active)
ICC1
Burst Length = 1, tRC ≥ tRC(min), IOL = 0 mA,
tCC = tCC (min)
60
50
40
mA
1,2
ICC2P
CKE
VIL(max), tCC = tCC (min)
2
Precharge Standby Current
in power-down mode
ICC2PS
CKE & CLK
VIL(max), tCC =
1
mA
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = tCC (min)
Input signals are changed one time during 2CLK
20
Precharge Standby Current
in non power-down mode
ICC2NS
CKE
≥ VIH(min), CLK
VIL(max), tCC =
input signals are stable
10
mA
ICC3P
CKE
VIL(max), tCC = tCC (min)
8
Active Standby Current
in power-down mode
ICC3PS
CKE & CLK
VIL(max), tCC =
8
mA
ICC3N
CKE
VIH(min), CS VIH(min), tCC=15ns
Input signals are changed one time during 2clks
All other pins
VDD-0.2V or ≤ 0.2V
30
mA
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3NS
CKE
≥ VIH(min), CLK
VIL(max), tCC =
input signals are stable
25
mA
Operating Current
(Burst Mode)
ICC4
IOL = 0 mA, Page Burst, All Bank active
Burst Length = 4, CAS Latency = 3
80
70
60
mA
1,2
Refresh Current
ICC5
tRFC
≥ tRFC(min), tCC = tCC(min)
65
55
45
mA
Self Refresh Current
ICC6
CKE
0.2V
1
mA
Note:
1. Measured with outputs open.
2. Input signals are changed one time during 2 CLKS.


Similar Part No. - M12L64164A-2Y

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A-5BG ESMT-M12L64164A-5BG Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5BG ESMT-M12L64164A-5BG Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5BG2M ESMT-M12L64164A-5BG2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
M12L64164A-5BG2Y ESMT-M12L64164A-5BG2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
M12L64164A-5BIG ESMT-M12L64164A-5BIG Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64164A-2Y

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A-2A ESMT-M12L2561616A-2A Datasheet
932Kb / 45P
   JEDEC standard 3.3V power supply
M12L32321A-2G ESMT-M12L32321A-2G Datasheet
525Kb / 28P
   JEDEC standard 3.3V 짹 0.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com