Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1204ACPP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1204ACPP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204ACPP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1204ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 9Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 10Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 11Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 12Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 13Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 14Page - Maxim Integrated Products MAX1204ACPP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
______________________________________________________________________________________
11
Table 2. Control-Byte Format
Table 3. Channel Selection in Single-Ended Mode (SGL/DIF = 1)
SEL1
SEL0
0
0
0
CH4
CH5
SEL2
CH6
CH7
GND
1
0
0
+
0
0
1
+
1
0
CH0
+
1
+
0
1
CH1
0
+
1
1
CH3
0
+
0
1
CH2
1
+
1
1
1
+
Table 4. Channel Selection in Differential Mode (SGL/DIF = 0)
SEL1
SEL0
0
0
0
CH4
CH5
SEL2
CH6
CH7
0
0
1
+
0
1
0
+
0
1
CH0
+
1
+
1
0
CH1
0
+
1
0
CH3
1
+
1
1
CH2
0
+
1
1
1
+
PD0
Bit 0
(LSB)
SGL/
DIF
Bit 2
PD1
Bit 1
UNI/
BIP
Bit 3
SEL 0
Bit 4
Bit 7
(MSB)
SEL 1
SEL 2
START
Bit 5
Bit 6
1 = unipolar, 0 = bipolar. Selects unipolar or bipolar conversion mode. In unipolar mode, an
analog input signal from 0V to VREF can be converted; in bipolar mode, the signal can range
from -VREF / 2 to +VREF / 2.
1 = single ended, 0 = differential. Selects single-ended or differential conversions. In single-
ended mode, input signal voltages are referred to GND. In differential mode, the voltage dif-
ference between two channels is measured. (Tables 3 and 4.)
Selects clock and power-down modes.
PD1
PD0
Mode
00
Full power-down (IDD = 2µA, internal reference)
01
Fast power-down (IDD = 30µA, internal reference)
10
Internal clock mode
11
External clock mode
These three bits select which of the eight channels is used for the conversion
(Tables 3 and 4).
The first logic 1 bit after
CS goes low defines the beginning of the control byte.
Description
Name
Bit
UNI/
BIP
3
SGL/
DIF
2
PD1
PD0
1
0 (LSB)
SEL2
SEL1
SEL0
6
5
4
START
7 (MSB)


Similar Part No. - MAX1204ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204ACPP MAXIM-MAX1204ACPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results

Similar Description - MAX1204ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com