Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX111AEAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX111AEAP
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX111AEAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX111AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX111AEAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
6
_______________________________________________________________________________________
Note 10: Timing specifications are guaranteed by design. All input control signals are specified with tr = tf = 5ns
(10% to 90% of +5V) and timed from a +1.6V voltage level.
Note 1: These specifications apply after auto-null and gain calibration. Performance at power-supply tolerance limits is guaranteed
by power-supply rejection tests. Tests are performed at VDD = 5V and VSS = -5V (MAX110).
Note 2: 32,768 LSBs cover an input voltage range of ±VREF (15 bits). An additional bit (OFL) is set for VIN > VREF.
Note 3: Guaranteed by design. Not subject to production testing.
Note 4: DNL is less than ±2 counts (LSBs) out of 215 counts (±14 bits). The major source of DNL is noise, and this can be further
improved by averaging.
Note 5: See
3-Step Calibration section in text.
Note 6: VREF = (VREF+ - VREF-), VIN = (VIN1+ - VIN1-) or (VIN2+ - VIN2-). The voltage is interpreted as negative when the voltage at
the negative input terminal exceeds the voltage at the positive input terminal.
Note 7: Conversion time is set by control bits CONV1–CONV4.
Note 8: Tested at clock frequency of 1MHz with the divide-by-2 mode (i.e. oversampling clock of 500kHz). See
Typical Operating
Characteristics section for the effect of other clock frequencies. Also read the Clock Frequency section.
Note 9: This current depends strongly on CXCLK (see Applications Information section).
TIMING CHARACTERISTICS (see Figure 6)
(VDD = 5V, VSS = -5V (MAX110), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
MHz
1.1
3.0
MAX11_ BM
RC Oscillator Frequency
1.3
2.8
MAX11_ _C/E
2.0
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
80
60
CS to SCLK Hold Time
(Note 10)
tCSH
0
ns
DIN to SCLK Setup Time
(Note 10)
tDS
100
ns
DIN to SCLK Hold Time
(Note 10)
tDH
0
ns
100
60
80
CS to SCLK Setup Time
(Note 10)
tCSS
100
ns
120
SCLK, XCLK Pulse Width
(Note 10)
tCK
160
ns
035
80
0
100
Data Access Time
(Note 10)
tDA
0
120
ns
0
60
100
0
120
SCLK to DOUT Valid
Delay (Note 10)
tDO
0
140
ns
35
80
Bus Relinquish Time
(Note 10)
tDH
120
ns
MAX11_ BM
MAX11_ _C/E
TA = +25°C
MAX11_ BM
MAX11_ _C/E
CONDITIONS
MAX11_ _C/E
MAX11_ _C/E
MAX11_ BM
TA = +25°C
MAX11_ BM
TA = +25°C
CLOAD = 50pF
TA = +25°C
CLOAD = 50pF
MAX11_ _C/E
TA = +25°C
MAX11_ BM
TA = +25°C
MAX11_ _C/E/M


Similar Part No. - MAX111AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX111 MAXIM-MAX111 Datasheet
685Kb / 19P
   Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX111AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com