Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1180ECM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1180ECM
Description  Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1180ECM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1180ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 9Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 10Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 11Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 12Page - Maxim Integrated Products MAX1180ECM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Dual 10-Bit, 105Msps, +3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VDD = +3.3V, OVDD = +2.5V, internal reference, differential input at -0.5dB FS, fCLK = 105.0005678MHz, CL
≈ 10pF. TA = +25°C,
unless otherwise noted.)
-15
-40
60
35
10
85
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
2.025
2.035
2.015
2.055
2.065
2.045
N
N-1
N-2
N+2
N+1
OUTPUT NOISE HISTOGRAM (DC INPUT)
DIGITAL OUTPUT NOISE
1000
2000
3000
4000
0
6000
7000
5000
64676
607
00
252
Pin Description
PIN
NAME
FUNCTION
1
COM
Common-Mode Voltage Input/Output. Bypass to GND with a
≥ 0.1µF capacitor.
2, 6, 11, 14, 15
VDD
Analog Supply Voltage. Bypass to GND with a capacitor combination of 2.2µF in parallel with
0.1µF.
3, 7, 10, 13, 16
GND
Analog Ground
4
INA+
Channel A Positive Analog Input. For single-ended operation, connect signal source to INA+.
5
INA-
Channel A Negative Analog Input. For single-ended operation, connect INA- to COM.
8
INB-
Channel B Negative Analog Input. For single-ended operation, connect INB- to COM.
9
INB+
Channel B Positive Analog Input. For single-ended operation, connect signal source to INB+.
12
CLK
Converter Clock Input
17
T/B
T/B selects the ADC digital output format.
High: Two’s complement.
Low: Straight offset binary.
18
SLEEP
Sleep Mode Input.
High: Deactivates the two ADCs, but leaves the reference bias circuit active.
Low: Normal operation.
19
PD
Power-Down Input.
High: Power-down mode
Low: Normal operation
20
OE
Output Enable Input.
High: Digital outputs disabled
Low: Digital outputs enabled


Similar Part No. - MAX1180ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1180ECM MAXIM-MAX1180ECM Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
More results

Similar Description - MAX1180ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1190 MAXIM-MAX1190 Datasheet
739Kb / 21P
   Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/02
MAX1190 MAXIM-MAX1190_V01 Datasheet
427Kb / 22P
   Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX1198 MAXIM-MAX1198 Datasheet
557Kb / 22P
   Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2412; Rev 0; 4/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com