Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1172CDJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1172CDJ
Description  12-Bit, 30Msps, TTL-Output ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1172CDJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1172CDJ Datasheet HTML 4Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 5Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 6Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 7Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 8Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 9Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 10Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 11Page - Maxim Integrated Products MAX1172CDJ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
12-Bit, 30Msps, TTL-Output ADC
_______________________________________________________________________________________
9
AGND and DGND are the two grounds available on the
MAX1172. These two internal grounds are isolated on
the device. The use of ground planes is recommended
to achieve optimum device performance. DGND is
needed for the DVCC return path (40mA typical) and for
the return path for all digital output logic interfaces.
AGND and DGND should be separated from each
other and connected together only at the device
through a ferrite bead.
A Schottky or hot carrier diode connected between
AGND and VEE is required. The use of separate power
supplies between VCC and DVCC is not recommended
due to potential power-supply sequencing latchup con-
ditions. Use of the recommended interface circuit shown
in Figure 2 will provide optimum device performance for
the MAX1172.
Voltage Reference
The MAX1172 requires the use of two voltage refer-
ences: VFT and VFB. VFT is the force for the top of the
voltage reference ladder (+2.5V typical), VFB (-2.5V
typical) is the force for the bottom of the voltage refer-
ence ladder. Both voltages are applied across an inter-
nal reference ladder resistance of 800
Ω. The +2.5V
voltage source for reference VFT must be current limit-
ed to 20mA maximum if a different driving circuit is
used in place of the recommended reference circuit
shown in Figures 2 and 3.
In addition, there are five reference ladder taps (VST,
VRT1, VRT2, VRT3, and VSB). VST is the sense for the
top of the reference ladder (+2.0V), VRT2 is the mid-
point of the ladder (0.0V typical), and VSB is the sense
for the bottom of the reference ladder (-2.0V). VRT1 and
VRT3 are quarter-point ladder taps (+1.0V and -1.0V
typical, respectively). The voltages seen at VST and
VSB are the true full-scale input voltages of the device
when VFT and VFB are driven to the recommended volt-
ages (+2.5V and -2.5V typical, respectively). VST and
VSB can be used to monitor the actual full-scale input
voltage of the device. VRT1, VRT2, and VRT3 should not
be driven to the expected ideal values, as is commonly
done with standard flash converters. A decoupling
capacitor of 0.01µF connected to AGND from each tap
is recommended to minimize high-frequency noise
injection.
The analog input range will scale proportionally with
respect to the reference voltage if a different input
range is required. The maximum scaling factor for
device operation is ±20% of the recommended refer-
ence voltages of VFT and VFB. However, because the
MAX1172 is laser trimmed to optimize performance
with ±2.5V references, its accuracy will degrade if
operated beyond a ±2% range.
An example of a recommended reference driver circuit
is shown in Figure 2. IC1 is REF-03, the +2.5V refer-
ence with a tolerance of 0.6% or ±0.015V. The 10k
potentiometer supports an adjustable range of 150mV.
IC2 is recommended to be an OP-07 or equivalent
device. R2 and R3 must be matched to within 0.1%
with good TC tracking to maintain a 0.3LSB matching
between VFT and VFB. If 0.1% matching is not met, then
potentiometer R4 can be used to adjust the VFB voltage
to the desired level. Adjust R1 and R4 such that VST
and VSB are exactly +2.0V and -2.0V, respectively.
The following errors are defined:
+FS error = top of ladder offset voltage
=
∆(+FS - VST)
-FS error = bottom of ladder offset voltage
=
∆(-FS - VSB)
Where the +FS (full scale) input voltage is defined as
the output 1LSB above the transition of 1–10 and 1–11,
and the -FS input voltage is defined as the output 1LSB
below the transition of 0–00 and 0–01.
VFT
VIN
VCC
VEE
Figure 3. Analog Equivalent Input Circuit


Similar Part No. - MAX1172CDJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1172CDJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com