Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1160BCWI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1160BCWI
Description  10-Bit, 20Msps, TTL-Output ADC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1160BCWI Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1160BCWI Datasheet HTML 1Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 2Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 3Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 4Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 5Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 6Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 7Page - Maxim Integrated Products MAX1160BCWI Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10-Bit, 20Msps, TTL-Output ADC
_______________________________________________________________________________________
7
COARSE
ADC
SUCCESSIVE
INTERPOLATION
STAGE 1
SUCCESSIVE
INTERPOLATION
STAGE N
ANALOG
PRESCALER
DIGITAL
OUTPUTS
FB
+5V
-5.2V
+5V
R1
10k
R2
30k
R3
30k
R4
10k
1
µF
0.01
µF
0.01
µF
1
µF
10
µF
10
µF
1
µF
C1
0.01
µF
C2
0.01
µF
C3
0.01
µF
C4
0.01
µF
C6
0.1
µF
C7
0.1
µF
C8
0.1
µF
C9
0.1
µF
C10
0.01
µF
C11
0.01
µF
C5
0.01
µF
VIN
(±2V)
±2.5V MAX
CLK
(TTL)
VIN
VFT
VIN
CLK
VST
VRM
VSB
VFB
GND
VOUT
VTRIM
R5
100
2.5V
1
3
2
4
6
7
8
R
2R
2R
2R
2R
R
D1
-5.2V
= AGND
+5V
= DGND
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
2
4
5
6
NOTES:
1) D1 = SCHOTTKY OR HOT CARRIER DIODE
2) FB = FERRITE BEAD, FAIR RITE #2743001111
TO BE MOUNTED AS CLOSELY TO THE DEVICE
AS POSSIBLE. THE FERRITE BEAD TO ADC
CONNECTION SHOULD NOT BE SHARED WITH
ANY OTHER DEVICE.
3) C1–C11 = CHIP CAPACITOR (RECOMMENDED)
MOUNTED AS CLOSE TO DEVICE'S PIN AS
POSSIBLE.
4) USE OF A SEPARATE SUPPLY FOR VCC AND DVCC
IS NOT RECOMMENDED.
5) R5 PROVIDES CURRENT LIMITING TO 45mA.
(OVERRANGE)
(MSB)
(LSB)
4
-2.5V
MAX1160
IC1
IC2
OP07
MAX6225
Figure 2. Typical Operating Circuit
The following errors are defined:
+FS error = top of ladder offset voltage
=
∆(+FS - VST + 1LSB)
-FS error = bottom of ladder offset voltage
=
∆(-FS - VSB - 1LSB)
where the +FS (full-scale) input voltage is defined as the
output transition between 11 1111 1110 and 11 1111 1111,
and the -FS input voltage is defined as the output transi-
tion between 00 0000 0000 and 00 0000 0001 (Table 2).
Analog Input
VIN is the analog input. The full-scale input range will
be 80% of the reference voltage, or ±2V with VFB =
-2.5V and VFT = +2.5V.
The analog input’s drive requirements are minimal
when compared to conventional flash converters. This
is due to the MAX1160’s extremely low (5pF) input
capacitance and very high (300k
Ω) input resistance.
For example, for an input signal of ±2Vp-p with a
10MHz input frequency, the peak output current
required for the driving circuit is only 628µA.
Clock Input
The MAX1160 is driven from a single-ended TTL input
(CLK). The CLK pulse width (tpwH) must be kept
between 20ns and 300ns to ensure proper operation of
the internal track/hold amplifier (Figure 1a). When oper-
ating the MAX1160 at sampling rates above 3Msps, it is
recommended that the clock input duty cycle be kept at


Similar Part No. - MAX1160BCWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX11600EKA++ MAXIM-MAX11600EKA+ Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
More results

Similar Description - MAX1160BCWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com