Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX111BCAP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX111BCAP
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX111BCAP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX111BCAP Datasheet HTML 10Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 11Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX111BCAP Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
14
______________________________________________________________________________________
BUSY
1ST BYTE READ/WRITE
2ND BYTE READ/WRITE
CS
SCLK
DOUT
POL
OFL
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NO OP
NU
NU
CONV4 CONV3 CONV2 CONV1 DV4
DV2
NU
NU
CHS
CAL
NUL
PDX
PD
DIN
MAX110
MAX111
Figure 8a. SPI/MICROWIRE-Interface Timing
BUSY
CS
SCLK
DOUT
POL
OFL
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NO OP
NU
NU
CONV4 CONV3 CONV2 CONV1 DV4
DV2
NU
NU
CHS
CAL
NUL
PDX
PD
DIN
MAX110
MAX111
Figure 8b. QSPI Serial-Interface Timing


Similar Part No. - MAX111BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX111 MAXIM-MAX111 Datasheet
685Kb / 19P
   Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX111BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com