Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1132-MAX1133 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1132-MAX1133
Description  16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1132-MAX1133 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1132-MAX1133 Datasheet HTML 1Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 2Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 3Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 4Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 5Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 6Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 7Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 8Page - Maxim Integrated Products MAX1132-MAX1133 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
16-Bit ADC, 200ksps, 5V Single-Supply
with Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND, DVDD to DGND .............................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AIN to AGND.....................................................................±16.5V
REFADJ, CREF, REF to AGND.................-0.3V to (AVDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
Digital Outputs to DGND .........................-0.3V to (DVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
Operating Temperature Ranges
MAX113_CAP ......................................................0°C to +70°C
MAX113_EAP....................................................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +5V ±5%, fSCLK = 4.8MHz, external clock (50% duty cycle), 24 clocks/conversion (200ksps), bipolar input, external
VREF = +4.096V, VREFADJ = AVDD, CREF = 2.2µF, CCREF = 1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
16
Bits
MAX113_A
±1.5
Relative Accuracy (Note 2)
INL
Bipolar mode
MAX113_B
±2.5
LSB
No Missing Codes
16
Bits
MAX113_A
-1
+1
Differential Nonlinearity
DNL
Bipolar mode
MAX113_B
-1
+1.75
LSB
Transition Noise
0.77
LSBRMS
MAX1132
±4
Unipolar
MAX1133
±2
MAX1132
±6
Offset Error
Bipolar
MAX1133
±5
mV
Unipolar
±0.2
Gain Error (Note 3)
Bipolar
±0.3
%FSR
Offset Drift (Bipolar and Unipolar)
Excluding reference drift
±1
ppm/
oC
Gain Drift (Bipolar and Unipolar)
Excluding reference drift
±1
ppm/
oC
DYNAMIC SPECIFICATIONS (5kHz sine-wave input, 200ksps, 4.8MHz clock, bipolar input mode. MAX1132: 24Vp-p.
MAX1133: 8.192Vp-p)
fIN = 5kHz
85
SINAD
fIN = 100kHz
85
dB
fIN = 5kHz
87
SNR
fIN = 100kHz
92
dB
fIN = 5kHz
-90
THD
fIN = 100kHz
-92
dB
fIN = 5kHz
92
SFDR
fIN = 100kHz
96
dB


Similar Part No. - MAX1132-MAX1133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
235Kb / 8P
   Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1132 MAXIM-MAX1132 Datasheet
127Kb / 8P
   Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11321ATJ++ MAXIM-MAX11321ATJ+ Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results

Similar Description - MAX1132-MAX1133

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
   5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com