Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1137 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1137
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1137 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1137 Datasheet HTML 7Page - Maxim Integrated Products MAX1137 Datasheet HTML 8Page - Maxim Integrated Products MAX1137 Datasheet HTML 9Page - Maxim Integrated Products MAX1137 Datasheet HTML 10Page - Maxim Integrated Products MAX1137 Datasheet HTML 11Page - Maxim Integrated Products MAX1137 Datasheet HTML 12Page - Maxim Integrated Products MAX1137 Datasheet HTML 13Page - Maxim Integrated Products MAX1137 Datasheet HTML 14Page - Maxim Integrated Products MAX1137 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
swing from (GND - 0.3V) to (VDD + 0.3V) without caus-
ing damage to the device. For accurate conversions
the inputs must not go more than 50mV below GND or
above VDD.
Single-Ended/Differential Input
The SGL/DIF of the configuration byte configures the
MAX1136–MAX1139 analog-input circuitry for single-
ended or differential inputs (Table 2). In single-ended
mode (SGL/DIF = 1), the digital conversion results are the
difference between the analog input selected by CS[3:0]
and GND (Table 3). In differential mode (SGL/ DIF = 0) the
digital conversion results are the difference between the
“+” and the “-” analog inputs selected by CS[3:0] (Table 4).
Unipolar/Bipolar
When operating in differential mode, the BIP/UNI bit of
the setup byte (Table 1) selects unipolar or bipolar
operation. Unipolar mode sets the differential input
range from 0 to VREF. A negative differential analog
input in unipolar mode will cause the digital output
code to be zero. Selecting bipolar mode sets the differ-
ential input range to ±VREF/2. The digital output code is
binary in unipolar mode and two’s complement in bipo-
lar mode, see the Transfer Functions section.
In single-ended mode the MAX1136–MAX1139 will
always operate in unipolar mode irrespective of
BIP/UNI. The analog inputs are internally referenced to
GND with a full-scale input range from 0 to VREF.
2-Wire Digital Interface
The MAX1136–MAX1139 feature a 2-wire interface con-
sisting of a serial data line (SDA) and serial clock line
(SCL). SDA and SCL facilitate bidirectional communica-
tion between the MAX1136–MAX1139 and the master at
rates up to 1.7MHz. The MAX1136–MAX1139 are slaves
that transfer and receive data. The master (typically a
microcontroller) initiates data transfer on the bus and
generates the SCL signal to permit that transfer.
SDA and SCL must be pulled high. This is typically done
with pullup resistors (750
Ω or greater) (see the Typical
Operating Circuit). Series resistors (RS) are optional.
They protect the input architecture of the MAX1136–
MAX1139 from high voltage spikes on the bus lines, min-
imize crosstalk, and undershoot of the bus signals.
Bit Transfer
One data bit is transferred during each SCL clock
cycle. A minimum of eighteen clock cycles are required
to transfer the data in or out of the MAX1136–MAX1139.
The data on SDA must remain stable during the high
period of the SCL clock pulse. Changes in SDA while
SCL is stable are considered control signals (see the
START and STOP Conditions section). Both SDA and
SCL remain high when the bus is not busy.
START and STOP Conditions
The master initiates a transmission with a START condi-
tion (S), a high-to-low transition on SDA while SCL is high.
The master terminates a transmission with a STOP condi-
tion (P), a low-to-high transition on SDA while SCL is high
(Figure 5). A repeated START condition (Sr) can be used
in place of a STOP condition to leave the bus active and
the mode unchanged (see HS-mode).
Acknowledge Bits
Data transfers are acknowledged with an acknowledge
bit (A) or a not-acknowledge bit (A). Both the master
and the MAX1136–MAX1139 (slave) generate acknowl-
edge bits. To generate an acknowledge, the receiving
device must pull SDA low before the rising edge of the
acknowledge-related clock pulse (ninth pulse) and
keep it low during the high period of the clock pulse
(Figure 6). To generate a not-acknowledge, the receiv-
er allows SDA to be pulled high before the rising edge
of the acknowledge-related clock pulse and leaves
SDA high during the high period of the clock pulse.
Monitoring the acknowledge bits allows for detection of
unsuccessful data transfers. An unsuccessful data
transfer happens if a receiving device is busy or if a
system fault has occurred. In the event of an unsuc-
cessful data transfer the bus master should reattempt
communication at a later time.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial 10-Bit ADCs
______________________________________________________________________________________
11
SCL
SDA
SP
Sr
Figure 5. START and STOP Conditions
SCL
SDA
S
NOT ACKNOWLEDGE
ACKNOWLEDGE
12
8
9
Figure 6. Acknowledge Bits


Similar Part No. - MAX1137

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1137 MAXIM-MAX1137 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1137EUA++ MAXIM-MAX1137EUA+ Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1137EUA++ MAXIM-MAX1137EUA+ Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
More results

Similar Description - MAX1137

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com