Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX111ACWE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX111ACWE
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX111ACWE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX111ACWE Datasheet HTML 6Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 7Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 8Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 9Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 10Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 11Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 12Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 13Page - Maxim Integrated Products MAX111ACWE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
10
______________________________________________________________________________________
Oversampling Clock
XCLK internally connects to a clock-frequency divider
network, whose output is the ADC oversampling clock,
fOSC. This allows the selected clock source (internal RC
oscillator or external clock applied to XCLK) to be
divided by one, two, or four (see
Clock Divider-Ratio
Control Bits).
Figure 3 shows the two methods for providing the over-
sampling clock to the MAX110/MAX111. In external-
clock mode (Figure 3a), the internal RC oscillator is
disabled and XCLK accepts a TTL/CMOS-level clock to
provide the oversampling clock to the ADC.
Select external-clock mode (Figure 3a) by connecting
RCSEL to GND and a TTL/CMOS-compatible clock to
XCLK (see
Selecting the Oversampling Clock
Frequency).
In RC-oscillator mode (Figure 3b), the internal RC oscil-
lator is active and its output is connected to XCLK
(Figure 1). Select RC-oscillator mode by connecting
RCSEL to VDD. This enables the internal oscillator and
connects it to XCLK for use by the ADC and external
system components. Minimize the capacitive loading on
XCLK when using the internal RC oscillator.
DIFFERENTIAL
ANALOG
INPUT
VREF+
DC LEVEL AT 1/2 VREF
VREF-
VREF+
VREF-
OUTPUT FROM
1-BIT DAC
OVERSAMPLING
CLOCK
MAX110
MAX111
Figure 2. ADC Waveforms During a Conversion
Figure 1. Functional Diagram
IN1+
IN+
IN-
INPUT
MUX
IN1-
IN2+
IN2-
REF+
Gm
REF-
Gm
INTEGRATOR
UP/DOWN
COUNTER
-
Σ
DITHER
GENERATOR
SERIAL
SHIFT
REGISTER
DIN
SCLK CS
16
16
16
16
CONTROL
REGISTER
DOUT
BUSY
RCSEL
XCLK
OSC
TIMER + CONTROL
LOGIC + CLOCK GENERATOR
DIVIDER
NETWORK,
DIVIDE BY
1, 2, OR 4
RC
OSCILLATOR
MAX110
MAX111


Similar Part No. - MAX111ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX111 MAXIM-MAX111 Datasheet
685Kb / 19P
   Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX111ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com