Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX117MJI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX117MJI
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX117MJI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX117MJI Datasheet HTML 2Page - Maxim Integrated Products MAX117MJI Datasheet HTML 3Page - Maxim Integrated Products MAX117MJI Datasheet HTML 4Page - Maxim Integrated Products MAX117MJI Datasheet HTML 5Page - Maxim Integrated Products MAX117MJI Datasheet HTML 6Page - Maxim Integrated Products MAX117MJI Datasheet HTML 7Page - Maxim Integrated Products MAX117MJI Datasheet HTML 8Page - Maxim Integrated Products MAX117MJI Datasheet HTML 9Page - Maxim Integrated Products MAX117MJI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Mode Selection Input. Internally pulled low with a 15µA current source. MODE = 0
activates read mode; MODE = 1 activates write-read mode (see
Digital Interface
section).
MODE
5
Analog Input Channel 6
IN6
FUNCTION
Three-State Data Outputs
D1, D2, D3
7, 8, 9
Three-State Data Output (LSB)
D0
6
Lower limit of reference span. REF- sets the zero-code voltage. Range is GND
VREF- < VREF+.
REF-
13
Ground
GND
12
Interrupt Output.
INT goes low to indicate end of conversion (see Digital Interface
section).
INT
11
Read Input.
RD must be low to access data (see Digital Interface section).
RD
10
Write-Control Input/Ready-Status Output (see
Digital Interface section)
WR/RDY
15
Upper limit of reference span. REF+ sets the full-scale input voltage. Range is
VREF- < VREF+ ≤ VDD. Internally hardwired to IN8 (Table 1).
REF+
14
Multiplexer Channel Address Input (MSB)
A2
Three-State Data Output (MSB)
D7
20
Positive Supply, +3.0V to +3.6V
VDD
24
Power-Down Input.
PWRDN reduces supply current when low.
PWRDN
23
Multiplexer Channel Address Input (LSB)
A0
22
Multiplexer Channel Address Input
A1
21
Analog Input Channel 7
IN7
Three-State Data Outputs
D4, D5, D6
17, 18, 19
Chip-Select Input.
CS must be low for the device to recognize WR or RD inputs.
CS
16
9, 10, 11
8
15
14
13
12
17
16
23
22
27
PIN
7
1
26
25
24
28
19, 20, 21
18
MAX113
NAME
MAX117
Analog Input Channel 5
IN5
2
Analog Input Channel 1
Analog Input Channel 2
IN2
3
IN1
5
4
6
Analog Input Channel 3
Analog Input Channel 4
IN4
1
IN3
3
2
4


Similar Part No. - MAX117MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX117MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX152 MAXIM-MAX152 Datasheet
122Kb / 12P
   3V, 8-Bit ADC with 1uA Power-Down
Rev. 1; 12/93
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX114 MAXIM-MAX114 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com