Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX111BCPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX111BCPE
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX111BCPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX111BCPE Datasheet HTML 1Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 2Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 3Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 4Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 5Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 6Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 7Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 8Page - Maxim Integrated Products MAX111BCPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX110 (continued)
(VDD = 5V ±5%, VSS = -5V ±5%, fXCLK = 1MHz,
÷ 2 mode (DV2 = 1), 81,920 CLK cycles/conv, VREF+ = 1.5V, VREF- = -1.5V,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
V
V
4.75
5.25
VDD
Positive Supply Voltage
0.8
VIL
V
-4.75
-5.25
VSS
Negative Supply Voltage
µA
Input Low Voltage
550
950
780
IDD
Positive Supply Current
VDD = 5.25V,
VSS = -5.25V
320
650
Performance guaranteed by supply rejection test
Performance guaranteed by supply rejection test
pF
10
0.4
VDD - 0.5
VOH
Output High Voltage
Input Capacitance
fXCLK = 500kHz,
continuous-conversion mode
µA
µA
ISS
Negative Supply Current
VDD = 5.25V,
VSS = -5.25V
±1
20.48
410
IDD
ILKG
Input Leakage Current
XCLK unloaded,
continuous-conversion mode, RC
oscillator operational (Note 9)
fXCLK = 500kHz,
continuous-conversion mode
(Note 3)
µA
±10
ILKG
Leakage Current
pF
10
Output Capacitance
µA
0.05
2
Digital inputs at 0V or 5V
Power-Down Current
DOUT, BUSY, VDD = 4.75V, ISOURCE = 1.0mA
VDD = 5.25V, VSS = -5.25V, VXCLK = 0V, PD = 1
VOUT = 5V or 0V
(Note 3)
10,240 clock-cycles/conversion
DOUT, BUSY, ISINK = 1.6mA
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ms
204.80
tCONV
Synchronous Conversion
Time (Note 7)
102,400 clock-cycles/conversion
MHz
0.25
1.25
fOSC
Oversampling Clock
Frequency
(Note 8)
V
2.4
VIH
Input High Voltage
ISS
V
0
3.0
VREF
Differential Reference
Input Voltage Range
pF
10
Reference Input
Capacitance
(Note 3)
V
0.4
VOL
Output Low Voltage
XCLK, ISINK = 200µA
V
VDD - 0.5
XCLK, VDD = 4.75V, ISOURCE = 200µA
nA
500
IREF+,
IREF-
Reference Input Current
VREF+ = 2.5V, VREF- = 0V
V
VSS +VDD -
2.25
2.25
VREF+,
VREF-
Absolute Reference Input
Voltage Range
CONVERSION TIME
DIGITAL OUTPUTS (DOUT, BUSY, and XCLK when RCSEL = VDD)
POWER REQUIREMENTS (all digital inputs at 0V or 5V)
REFERENCE INPUTS
DIGITAL INPUTS (CS, SCLK, DIN, and XCLK when RCSEL = 0V)


Similar Part No. - MAX111BCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX111 MAXIM-MAX111 Datasheet
685Kb / 19P
   Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX111BCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com