Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1111 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1111
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1111 Datasheet HTML 3Page - Maxim Integrated Products MAX1111 Datasheet HTML 4Page - Maxim Integrated Products MAX1111 Datasheet HTML 5Page - Maxim Integrated Products MAX1111 Datasheet HTML 6Page - Maxim Integrated Products MAX1111 Datasheet HTML 7Page - Maxim Integrated Products MAX1111 Datasheet HTML 8Page - Maxim Integrated Products MAX1111 Datasheet HTML 9Page - Maxim Integrated Products MAX1111 Datasheet HTML 10Page - Maxim Integrated Products MAX1111 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
16
SSTRB
Serial-Strobe Output. In internal clock mode, SSTRB goes low when the MAX1110/
MAX1111 begin the A/D conversion and goes high when the conversion is done.
In external clock mode, SSTRB pulses high for two clock periods before the MSB is
shifted out. High impedance when CS is high (external clock mode only).
20
VDD
Positive Supply Voltage, +2.7V to +5.5V
18
CS
Active-Low Chip Select. Data is not clocked into DIN unless CS is low. When CS is
high, DOUT is high impedance. The voltage at CS may exceed VDD (up to 5.5V).
19
SCLK
Serial-Clock Input. Clocks data in and out of serial interface. In external clock mode,
SCLK also sets the conversion speed (duty cycle must be 45% to 55%). The voltage at
SCLK may exceed VDD (up to 5.5V).
17
DIN
Serial-Data Input. Data is clocked in at SCLK’s rising edge. The voltage at DIN may
exceed VDD (up to 5.5V).
12
REFOUT
Internal Reference Generator Output. Bypass with a 1µF capacitor to AGND.
14
DGND
Digital Ground
15
DOUT
Serial-Data Output. Data is clocked out on SCLK’s falling edge. High impedance when
CS is high.
13
AGND
Analog Ground
10
SHDN
Three-Level Shutdown Input. Normally floats. Pulling SHDN low shuts the MAX1110/
MAX1111 down to 10µA (max) supply current; otherwise, the devices are fully opera-
tional. Pulling SHDN high shuts down the internal reference.
11
REFIN
Reference Voltage Input for Analog-to-Digital Conversion. Connect to REFOUT to use
the internal reference.
5–8
CH4–CH7
Sampling Analog Inputs
1–4
CH0–CH3
Sampling Analog Inputs
+3V
3k
CLOAD
DGND
DOUT
CLOAD
DGND
3k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
Figure 1. Load Circuits for Enable Time
+3V
3k
CLOAD
DGND
DOUT
CLOAD
DGND
3k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 2. Load Circuits for Disable Time
12
16
14
15
13
8
10
11
9
6
7
1–4
5
9
COM
Ground Reference for Analog Inputs. Sets zero-code voltage in single-ended mode.
Must be stable to ±0.5LSB.
PIN
MAX1111
NAME
FUNCTION
MAX1110


Similar Part No. - MAX1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111 MAXIM-MAX1111 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110 MAXIM-MAX11110 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11110AUT++ MAXIM-MAX11110AUT+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX1111

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com