Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-5051D Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5051D
Description  16-ch Universal Digital I/O Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5051D Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5051D Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
ADAM-5024
ADAM-5050
ADAM-5051/D/S
4-ch Analog Output Module
16-ch Universal Digital I/O Module
16-ch Digital Input Module
ADAM-5051
ADAM-5051D
ADAM-5051S
Specifications
General
ƒ
Certification
CE
ƒ
Connectors
ADAM-5051/5051D: 1 x
Plug-in screw terminal
(# 14 ~ 22 AWG)
ADAM-5051S: 1 x Plug-in
screw terminal (# 14 ~ 28
AWG)
ƒ
Enclosure
ABS+PC
ƒ
LED Indicators
ADAM-5051D
On: Input logic level 1
Input floating
Off: Input logic level 0
ADAM-5051S
On: Active
Off: Inactive
ƒ
Power Consumption ADAM-5051: 0.53 W
(max.)
ADAM-5051D: 0.84 W
(max.)
ADAM-5051S: 0.8 W
(max.)
Digital Input
ƒ
Circuit Type
Pull-up current: 0.5 mA
(Source Type) -only for
ADAM-5051/5051D
ƒ
Channels
16
ƒ
Input Voltage
ADAM-5051/5051D:
30 V max
ADAM-5051S: 50 V max
ƒ
Logic Level
ADAM-5051/5051D
Logic level 0: 1 V max.
Logic level 1: 3.5 ~ 30 V
ADAM-5051S
Logic level 0: 3 V max.
Logic level 1: 10 ~ 50 V
Protection (Only for ADAM-5051S)
ƒ
Optical Isolation
2,500 VDC
ƒ
Overvoltage
70 VDC
Protection
Ordering Information
ƒ
ADAM-5051
16-ch Digital Input Module
ƒ
ADAM-5051D
16-ch Digital Input Module
w/ LED
ƒ
ADAM-5051S
16-ch Isolated Digital Input
Module w/ LED
ADAM-5050
Specifications
General
ƒ
Certification
CE, FM
ƒ
Connectors
1 x Plug-in screw terminal
(# 14 ~ 22 AWG)
ƒ
Enclosure
ABS+PC
ƒ
Power Consumption 1.2 W (max.)
Digital I/O
ƒ
Channels
16
ƒ
Channel I/O Type
Bit-wise selectable by DIP
switch
ƒ
Digital Input
Dry Contact:
Logic level 0: close to GND
Logic level 1: open
Wet Contact:
Logic level 0: 2 V max.
Logic level 1: 4 ~ 30 V
ƒ
Digital Output
Open collector to 30 V,
100 mA and 450 mW max.
load
ƒ
Power Dissipation
300 mW for each channel
Ordering Information
ƒ
ADAM-5050
16-ch Universal Digital
Input/Output Module
ADAM-5024
Specifications
General
ƒ
Certification
CE, FM
ƒ
Connectors
1 x Plug-in screw terminal
(# 14 ~ 22 AWG)
ƒ
Enclosure
ABS+PC
ƒ
Power Consumption 2.9 W (max.)
Analog Output
ƒ
Accuracy
±0.1% of FSR for current
output
±0.2% of FSR for voltage
output
ƒ
Channels
4
ƒ
Current Load
0 ~ 500
Ω (source)
Resistor
ƒ
Output Type
mA, V
ƒ
Output Range
0 ~ 20 mA, 4 ~ 20 mA,
0 ~10 V
ƒ
Programmable
0.125 ~ 128.0 mA/sec.
Output Slope
0.0625 ~ 64.0 V/sec.
ƒ
Resolution
12-bit
ƒ
Resolution
±0.015% of FSR
ƒ
Span Temperature
±25 PPM/°C
Coefficient
ƒ
Zero Drift
Voltage: ±30 µV/°C
Current: ±0.2 µA/°C
Protection
ƒ
Isolation Voltage
3,000 VDC
Ordering Information
ƒ
ADAM-5024
4-ch Analog Output
Module
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 28-Aug-2013


Similar Part No. - ADAM-5051D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5051D ADVANTECH-ADAM-5051D Datasheet
637Kb / 1P
   4-ch Analog Output Module
ADAM-5051D ADVANTECH-ADAM-5051D Datasheet
257Kb / 1P
   4-ch Analog Output Module
ADAM-5051D ADVANTECH-ADAM-5051D Datasheet
400Kb / 2P
   7-slot PC-based Intel® Atom™ CPU soft logic Controller with integrated target visualization
28-Mar-2016
More results

Similar Description - ADAM-5051D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
   16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
ADAM-6052 ADVANTECH-ADAM-6052 Datasheet
138Kb / 1P
   16-ch Source-type Isolated Digital I/O Module
ADAM-4050 ADVANTECH-ADAM-4050 Datasheet
705Kb / 1P
   15-ch Digital I/O Module
ADAM-4050 ADVANTECH-ADAM-4050_15 Datasheet
249Kb / 1P
   15-ch Digital I/O Module
PCI-1737U ADVANTECH-PCI-1737U Datasheet
565Kb / 1P
   24-ch Digital I/O Universal PCI Card
PCI-1739U ADVANTECH-PCI-1739U Datasheet
612Kb / 1P
   48-ch Digital I/O Universal PCI Card
USB-4751-AE ADVANTECH-USB-4751-AE Datasheet
147Kb / 1P
   48-ch Digital I/O USB Module
USB-4751 ADVANTECH-USB-4751 Datasheet
523Kb / 1P
   48-ch Digital I/O USB Module
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
702Kb / 1P
   18-ch Isolated Digital I/O Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com