Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1132BEAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1132BEAP
Description  16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1132BEAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1132BEAP Datasheet HTML 2Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 3Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 4Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 5Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 6Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 7Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 8Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 9Page - Maxim Integrated Products MAX1132BEAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
16-Bit ADC, 200ksps, 5V Single-Supply
with Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX1132/MAX1133: AVDD = DVDD = +5V , fSCLK = 4.8MHz, external clock (50% duty cycle), 24 clocks/conversion (200ksps),
bipolar input, external REF = +4.096V, 0.22µF bypassing on REFADJ, 2.2µF on REF, 1µF on CREF, TA = 25°C, unless otherwise noted.)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
1
13729
6865
20593
27457
34321
41185
48049
54913
61777
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0
0.4
0.8
0.6
1.0
1
13729
20593
27457
6865
34321
41185
48049
54913
61777
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
9.5
10.1
9.9
9.7
10.5
10.3
11.3
11.1
10.9
10.7
11.5
-40
-20
0
20
40
60
80
TOTAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
A
B
C
A: AVDD, DVDD = +4.75V
B: AVDD, DVDD = +5.00V
C: AVDD, DVDD = +5.25V
-4
-3
-2
-1
0
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
A
B
C
A: AVDD, DVDD = +4.75V
B: AVDD, DVDD = +5.00V
C: AVDD, DVDD = +5.25V
0
0.01
0.02
0.03
0.04
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
A
B
C
A: AVDD, DVDD = +4.75V
B: AVDD, DVDD = +5.00V
C: AVDD, DVDD = +5.25V
100
10
1.00
0.10
0.01
010
1
100
1000
TOTAL SUPPLY CURRENT vs.
CONVERSION RATE (USING SHUTDOWN)
CONVERSION RATE (ksps)
0.990
0.995
1.000
1.005
1.010
NORMALIZED REF VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
-120
-100
-80
-40
-60
-20
0
018
9
2736 4554 6372 81 9099
FFT PLOT
FREQUENCY (kHz)
fSAMPLE = 200kHz
fIN = 5kHz
90
0
0.1
100
10
1
SINAD PLOT
30
10
70
50
100
40
20
80
60
FREQUENCY (kHz)
fSAMPLE = 200kHz


Similar Part No. - MAX1132BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
235Kb / 8P
   Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1132 MAXIM-MAX1132 Datasheet
127Kb / 8P
   Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11321ATJ++ MAXIM-MAX11321ATJ+ Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results

Similar Description - MAX1132BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
   5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com