Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX114 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX114
Description  5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX114 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX114 Datasheet HTML 4Page - Maxim Integrated Products MAX114 Datasheet HTML 5Page - Maxim Integrated Products MAX114 Datasheet HTML 6Page - Maxim Integrated Products MAX114 Datasheet HTML 7Page - Maxim Integrated Products MAX114 Datasheet HTML 8Page - Maxim Integrated Products MAX114 Datasheet HTML 9Page - Maxim Integrated Products MAX114 Datasheet HTML 10Page - Maxim Integrated Products MAX114 Datasheet HTML 11Page - Maxim Integrated Products MAX114 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
to break this current path during power-down. The FET
should have an on-resistance of less than 2
Ω with a 5V
gate drive. When REF- is switched, as in Figure 7d, a
new conversion can be initiated after waiting a period
of time equal to the power-up delay (tUP) plus the N-
channel FET’s turn-on time.
Although REF+ is frequently connected to VDD, the cir-
cuit of Figure 7d uses a low-current, low-dropout,
4.096V voltage reference: the MAX874. Since the
MAX874 cannot continuously furnish enough current for
the reference resistance, this circuit is intended for
applications where the MAX114/MAX118 are normally
in standby and are turned on in order to make mea-
surements at intervals greater than 65µs. C1 (the
capacitor connected to REF+) is slowly charged by the
MAX874 during the standby period, and furnishes the
reference current during the short measurement period.
C1’s 3.3µF value ensures a voltage drop of less than
1/2LSB when performing four to eight successive con-
versions. Larger capacitors reduce the error still further.
Use ceramic or tantalum capacitors for C1.
Initial Power-Up
When power is first applied, perform a conversion to ini-
tialize the MAX114/MAX118. Disregard the output data.
Bypassing
Use a 4.7µF electrolytic in parallel with a 0.1µF ceramic
capacitor to bypass VDD to GND. Minimize capacitor
lead lengths.
Bypass the reference inputs with 0.1µF capacitors, as
shown in Figures 7a, 7b, and 7c.
Analog Inputs
Figure 8 shows the equivalent circuit of the MAX114/
MAX118 input. When a conversion starts and
WR is
low, VIN_ is connected to sixteen 0.6pF capacitors.
During this acquisition phase, the input capacitors
charge to the input voltage through the resistance of
the internal analog switches. In addition, about 22pF of
stray capacitance must be charged. The input can be
modeled as an equivalent RC network (Figure 9). As
source impedance increases, the capacitors take
longer to charge.
The typical 32pF input capacitance allows source resis-
tance as high as 800
Ω without setup problems. For
larger resistances, the acquisition time (tACQ) must be
increased.
Internal protection diodes, which clamp the analog
input to VDD and GND, allow the channel input pins to
swing from GND - 0.3V to VDD + 0.3V without damage.
However, for accurate conversions near full scale, the
inputs must not exceed VDD by more than 50mV or be
lower than GND by 50mV.
If the analog input exceeds 50mV beyond the sup-
plies, limit the input current to no more than 2mA,
as excessive current will degrade the conversion
accuracy of the on channel.
Track/Hold
The track/hold enters hold mode when a conversion
starts (
RD low or WR low). INT goes low at the end of
the conversion, at which point the track/hold enters
track mode. The next conversion can start after the min-
imum acquisition time, tACQ.
+5V, 1Msps, 4 & 8-Channel,
8-Bit ADCs with 1µA Power-Down
10
______________________________________________________________________________________
2k
RIN
VIN_
22pF
VIN
MAX114
MAX118
10pF
Figure 9. RC Network Equivalent Input Model
RON
RIN
VIN2
MAX114
MAX118
.
.
.
T/H
MUX
Figure 8. Equivalent Input Circuit


Similar Part No. - MAX114

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11410A MAXIM-MAX11410A Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410AATI++ MAXIM-MAX11410AATI+ Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results

Similar Description - MAX114

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com