Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE330-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE330-36
Description  ROHS and REACH Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE330-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE330-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE330-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE330-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE330-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE330-36 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
2
Cable Outer Conductor
Copper, Silver
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.3 [7.62]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In.
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size, Inch
3/4
Torque, in-lbs [Nm]
14 [1.58]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PTFE
Connector 2
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In.
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size, Inch
3/4
Torque, in-lbs [Nm]
14 [1.58]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE330-36 REV 1.0
PE330-36
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male to N Male Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE330-36
N Male to N Male Low Loss Test Cable 36 Inch
Length Using PE-P300LL Coax, RoHS


Similar Part No. - PE330-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-100CM PASTERNACK-PE330-100CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-12 PASTERNACK-PE330-12 Datasheet
356Kb / 5P
   Same day shipment of custom lengths
PE330-150CM PASTERNACK-PE330-150CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
More results

Similar Description - PE330-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE332-200CM PASTERNACK-PE332-200CM Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE330-24 PASTERNACK-PE330-24 Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-200CM PASTERNACK-PE330-200CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE331-50CM PASTERNACK-PE331-50CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE331-200CM PASTERNACK-PE331-200CM Datasheet
358Kb / 5P
   ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
   ROHS and REACH Compliant
PE333-24 PASTERNACK-PE333-24 Datasheet
478Kb / 5P
   ROHS and REACH Compliant
PE333-48 PASTERNACK-PE333-48 Datasheet
479Kb / 5P
   ROHS and REACH Compliant
PE333-150CM PASTERNACK-PE333-150CM Datasheet
479Kb / 5P
   ROHS and REACH Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com