Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE330-12 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE330-12
Description  Same day shipment of custom lengths
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE330-12 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE330-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE330-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE330-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE330-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE330-12 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
4
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Male Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS PE330-
12
URL: http://www.pasternack.com/n-male-n-male-pe-p300ll-cable-assembly-pe330-12-p.aspx
PE330-12 REV 1.0
PE330-12
N Male to N Male Low Loss Test Cable 12 Inch
Length Using PE-P300LL Coax, RoHS


Similar Part No. - PE330-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE330-100CM PASTERNACK-PE330-100CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
PE330-150CM PASTERNACK-PE330-150CM Datasheet
356Kb / 5P
   ROHS and REACH Compliant
More results

Similar Description - PE330-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE331-36 PASTERNACK-PE331-36 Datasheet
357Kb / 5P
   Same day shipment of custom lengths
PE334-100CM PASTERNACK-PE334-100CM Datasheet
358Kb / 5P
   Same day shipment of custom lengths
logo
Advantech Co., Ltd.
9PAMM6 ADVANTECH-9PAMM6 Datasheet
326Kb / 1P
   Ready-to-use cabling call for custom lengths
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
   Sample Program (24-Number Time-of-Day Clock)
logo
PHOENIX CONTACT
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
   Supports month-day-year, day-month-year, and year-month-day formats
logo
Shenzhen Huazhimei Semi...
HM1302 HMSEMI-HM1302 Datasheet
3Mb / 10P
   real time counting seconds, minutes, hours, day of the month
logo
OSRAM GmbH
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
   Day time running light
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
   Day time running light
logo
Pentair plc. All rights...
3200NXT PENTAIR-3200NXT Datasheet
2Mb / 36P
   Set Time of Day on the Lead Unit (#1) and the rest of the units in the system will populare with the Time of Day within 10 seconds
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com