Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE70A6000 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE70A6000
Description  Step Resolution of 0.06 dB
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A6000 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE70A6000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70A6000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TECHNICAL DATA SHEET
Performance Data
5
10
15
20
25
30
35
40
45
50
55
60
65
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
FREQUENCY (GHz)
ATTENUATION VS FREQUENCY
PE70A6000
PE70A6000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 Bit Programmable 60 dB Attenuator 0.5 GHz to 18.0 GHz 4.5 dB IL 0.06 dB Step 15 dBm
P1dB PE70A6000
10 Bit Programmable 60 dB Attenuator 0.5 GHz to
18.0 GHz 4.5 dB IL 0.06 dB Step 15 dBm P1dB


Similar Part No. - PE70A6000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A6001 PASTERNACK-PE70A6001 Datasheet
470Kb / 8P
   Insertion Loss 6 dB typ
More results

Similar Description - PE70A6000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
   Step Resolution of 0.25 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Texas Instruments
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
STMicroelectronics
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
   Increasing the resolution of analog temperature sensors
logo
List of Unclassifed Man...
IS15DBFP4RGB ETC2-IS15DBFP4RGB Datasheet
866Kb / 6P
   High resolution of 64 x 32 pixels
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
844Kb / 5P
   High resolution of 64 x 32 pixels
logo
Texas Instruments
LP3963 TI-LP3963 Datasheet
2Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Low Ground Pin Current, Load Regulation of 0.06%
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com