Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1125 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1125
Description  8-Bit, 300Msps Flash ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1125 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1125 Datasheet HTML 3Page - Maxim Integrated Products MAX1125 Datasheet HTML 4Page - Maxim Integrated Products MAX1125 Datasheet HTML 5Page - Maxim Integrated Products MAX1125 Datasheet HTML 6Page - Maxim Integrated Products MAX1125 Datasheet HTML 7Page - Maxim Integrated Products MAX1125 Datasheet HTML 8Page - Maxim Integrated Products MAX1125 Datasheet HTML 9Page - Maxim Integrated Products MAX1125 Datasheet HTML 10Page - Maxim Integrated Products MAX1125 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8-Bit, 300Msps Flash ADC
_______________________________________________________________________________________
7
op amps (Figure 2). These voltage level inputs can be by-
passed to AGND for further noise suppression, if so de-
sired. VRB and VRT have force and sense pins for
monitoring the top and bottom voltage references.
Not Connected (N.C.)
All N.C. pins should be tied to DGND on the left side of
the package and to AGND on the right side of the
package.
Data Ready and Data Ready Inverse
DREADY, DRINV (CERQUAD package only)
The data-ready pin is a flag that goes high or low at the
output when data is valid or ready to be received. It is
essentially a delay line that accounts for the time nec-
essary for information to be clocked through the
MAX1125's decoders and latches. This function is use-
ful for interfacing with high-speed memory. Using the
data-ready output to latch the output data ensures mini-
mum setup and hold times. DRINV is a data-ready
inverse control pin (Figure 3).
Overrange Input D8
(CERQUAD package only)
When the MAX1125 is in an overrange state, D8 goes
high, and all data outputs go high as well. This makes it
possible to include the MAX1125 in higher resolution
systems.
Operation
The MAX1125 has 256 preamp/comparator pairs that
are each supplied with the voltage from VRTF to VRBF
divided equally by the resistive ladder as shown in the
Functional Diagram. This voltage is applied to the posi-
tive input of each preamplifier/comparator pair. An ana-
log input voltage applied at VIN is connected to the
negative inputs of each preamplifier/comparator pair.
The comparator states are then clocked through each
comparator's individual clock buffer. When CLK is low,
the comparators' master, or input stage, compares the
analog input voltage to the respective reference volt-
age. When CLK changes from low to high, the com-
parators are latched to the state prior to the clock
transition and output logic codes in sequence from the
top comparators, closest to VRTF (0V), down to the
point where the magnitude of the input signal changes
sign (thermometer code). The output of each compara-
tor is then registered into four 64-to-6 bit decoders
when CLK changes from high to low. At the output of
the decoders is a set of four 7-bit latches that are
enabled (track) when CLK changes from high to low.
From here, the outputs of the latches are coded into 6
LSBs from 4 columns and 4 columns are coded into 2
MSBs. Next are the MINV and LINV controls for output
inversions that consist of a set of eight XOR gates.
Finally, 8 ECL output latches and buffers are used to
drive the external loads. The conversion takes one
clock cycle from the input to the data outputs.
_________________Evaluation Boards
The MAX1114/MAX1125 evaluation kit (EV kit) demon-
strates the full performance of the MAX1125. This
board includes a voltage reference circuit, clock driver
circuit, output data latches and an on-board recon-
struction of the digital data. A separate data sheet
describing the operation of this board is also available.
Contact the factory for price and delivery.


Similar Part No. - MAX1125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
MAX11253 MAXIM-MAX11253 Datasheet
4Mb / 36P
   High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
MAX11253AJ MAXIM-MAX11253AJ Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
MAX11253AT MAXIM-MAX11253AT Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
MAX11253ATJ MAXIM-MAX11253ATJ Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
More results

Similar Description - MAX1125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
   8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
MAX1151 MAXIM-MAX1151 Datasheet
78Kb / 8P
   8-Bit, 750Msps Flash ADC
19-1170; Rev 0; 12/96
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
CSU8RF3111 CHIPSEA-CSU8RF3111 Datasheet
645Kb / 78P
   12-bit ADC 8 RISC FLASH MCU
CSU8RF3221 CHIPSEA-CSU8RF3221 Datasheet
1Mb / 90P
   12-bit ADC 8 RISC FLASH MCU
logo
Zarlink Semiconductor I...
SP973T8 ZARLINK-SP973T8 Datasheet
82Kb / 8P
   30MHz 8-BIT FLASH ADC (TTL/CMOS OUTPUTS)
VP1058 ZARLINK-VP1058 Datasheet
430Kb / 11P
   8-BIT, 25MHz, VIDEO FLASH ADC (SINGLE 5V SUPPLY)
logo
Silicon Laboratories
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
   8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
logo
SONiX Technology Compan...
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
   8-CHANNEL 8-BIT ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com