Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1114BIDO Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1114BIDO
Description  8-Bit, 150Msps Flash ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1114BIDO Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1114BIDO Datasheet HTML 1Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 2Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 3Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 4Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 5Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 6Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 7Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 8Page - Maxim Integrated Products MAX1114BIDO Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________________________________________________________________________________
5
21
1, 4, 17, 25, 26, 38, 39
Negative Analog Supply (nominally -5.2V)
ECL Clock Input Pin
2, 19, 22, 24, 27, 28, 36,
37, 40, 42
No Connect. Not internally connected.
20
6, 15
Digital Ground
Inverse ECL Clock Input Pin
7
Digital Data Output (LSB)
Overrange Output
Reference Voltage Bottom, Sense
30, 34
14
Digital Data Output (MSB)
Analog Input. Can be connected to the input
signal or used as a sense.
8–13
Digital Data Outputs
32
Reference Voltage Tap 2 (typically -1V)
Reference Voltage Top, Sense
41
Reference Voltage Top, Force
Data-Ready Output
Data-Ready Inverse
CLK
VEE
N.C.
CLK
DGND
D0
VRBS
D8
VIN
D7
D1–D6
VR2
VRTS
VRTF
DRINV
DREADY
6
3, 7, 12, 22, 27, 32
28, 30
5
PIN
1, 34
36
10
44
15, 19
43
37–42
17
24
23
29
35
3
D0–D6 Output Conversion Control
LINV
31
5, 16, 29, 31, 33, 35
Analog Ground
AGND
2, 8, 9, 14, 16, 18, 20,
25, 26, 33
23
Reference Voltage Bottom, Force
VRBF
11
Reference Voltage Tap 1 (typically -1.5V)
VR1
13
Reference Voltage Tap 3 (typically -0.5V)
VR3
21
______________________________________________________________Pin Description
8-Bit, 150Msps Flash ADC
FUNCTION
Ceramic SB
NAME
CERQUAD
_______________Detailed Description
The MAX1114 is a 150Msps, monolithic, 8-bit parallel
flash analog-to-digital converter (ADC) with an analog
bandwidth of over 200MHz. A major advance over pre-
vious flash converters is the inclusion of 256 input pre-
amplifiers between the reference ladder and input
comparators. (See
Functional Diagram.) This feature
not only reduces clock-transient kickback to the input
and reference ladder due to a low AC beta, but also
reduces the effect of the dynamic state of the input sig-
nal on the latching characteristics of the input compara-
tors. The preamplifiers act as buffers and stabilize the
input capacitance so it remains constant for varying
input voltages and frequencies, making the part easier
to drive than previous flash converters. The MAX1114
incorporates a special decoding scheme that reduces
metastable errors (sparkle codes or flyers) to a maxi-
mum of 1LSB.
18
D7 Output Conversion Control
MINV
4


Similar Part No. - MAX1114BIDO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11140 MAXIM-MAX11140 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11140 MAXIM-MAX11140 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11140ATI++ MAXIM-MAX11140ATI+ Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11140ATI++ MAXIM-MAX11140ATI+ Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11141 MAXIM-MAX11141 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results

Similar Description - MAX1114BIDO

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2262-12 LINER-LTC2262-12_15 Datasheet
538Kb / 28P
   12-Bit, 150Msps Ultralow Power 1.8V ADC
LTC2262-14 LINER-LTC2262-14_15 Datasheet
669Kb / 28P
   14-Bit, 150Msps Ultralow Power 1.8V ADC
logo
Maxim Integrated Produc...
MAX1125 MAXIM-MAX1125 Datasheet
114Kb / 12P
   8-Bit, 300Msps Flash ADC
19-1100; Rev 0; 6/96
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX1151 MAXIM-MAX1151 Datasheet
78Kb / 8P
   8-Bit, 750Msps Flash ADC
19-1170; Rev 0; 12/96
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
Cadeka Microcircuits LL...
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
   8-bit, 100/150MSPS, Triple Video DACs
logo
Core Technology (Shenzh...
CSU8RF3111 CHIPSEA-CSU8RF3111 Datasheet
645Kb / 78P
   12-bit ADC 8 RISC FLASH MCU
CSU8RF3221 CHIPSEA-CSU8RF3221 Datasheet
1Mb / 90P
   12-bit ADC 8 RISC FLASH MCU
logo
Zarlink Semiconductor I...
SP973T8 ZARLINK-SP973T8 Datasheet
82Kb / 8P
   30MHz 8-BIT FLASH ADC (TTL/CMOS OUTPUTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com