Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-43828 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-43828
Description  925??60 MHz Linear Power Amplifier Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-43828 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-43828_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-43828_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Demonstration Board Top View (Vdd=VddBias=5.0V, Vc2=3.5V, Vc3=2.8V)
Figure 25. Demonstration board application circuit for MGA-43828 module
Component
Value
Part Number
C1, C2, C20, C22
56pF +/- 5%
GRM1555C1H056JA01D
C11, C29
0.1uF +/- 10%
GRM155R71C104KA88D
C24
82pF +/- 5%
GRM1555C1H820JA01D
C8, C25
2200pF +/- 10%
GRM155R71H222KA01D
C7, C13, C28
0.047uF +/- 10%
GRM155R71E473KA88D
C9
12pF +/- 5%
GRM1555C1H120JA01D
C26
22nF +/- 10%
CM05X7R223K16AHF
C10
2.2uF +/- 10%
GRM21BR71E225KA73L
R1
RMC1/10 JPTP
R3, R4, R5
RMC1/16S JPTH
Note:
For performance optimization control voltage for invidual stages can be adjusted
by varying R2, R3 and R4 resistor value.
VddBias
+5V
Vdet
(Output)
Vdd2
+5V
Vdd3
+5V
Vc2=3.5V
Vc3=2.8V
Vdd2
Vdd3
Vc2 Vc3 VddBias
Vdet
2nd Stage
3rd Stage
RFout
Biasing Circuit
RFin
RFoutput
reference
plane
RFoutput
reference
plane
Figure 24. RFinput and RFoutput Reference Plane
Application board pin header assignments
Other pins are grounded
VddBias
+5V Vdet
(Output)
Vdd2
+5V
Vdd3
+5V
Vc2=3.5V
Vc3=2.8V
13
22
Pins pointing out of the page
(unit is on top)
14
21
15
20
16
19
17
18
1
12
2
11
3
10
4
9
5
8
6
7
Pin 1 : Vdd3 (Sense)
Pin 2 : Vdd3 (Force)
Pin 3 : Vdd2 (Sense)
Pin 4 : Vdd2 (Force)
Pin 5 : Vdd1 (Sence) – not used
Pin 6 : Vdd1 (Force) – not used
Pin 13 : Vc1 – not used
Pin 14 : Vc2
Pin 15 : Vc3
Pin 16 : VddBias
Pin 17 : Vdet


Similar Part No. - MGA-43828_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828-BLKG AVAGO-MGA-43828-BLKG Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
MGA-43828-TR1G AVAGO-MGA-43828-TR1G Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
More results

Similar Description - MGA-43828_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Stealth Microwave, Inc.
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
   400-925 MHz 4 Watt Linear Power Amplifier
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
   925-960 MHz 20 Watt Linear Power Amplifier
SM09296-47L STEALTH_MICROWAVE-SM09296-47L Datasheet
69Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
logo
Skyworks Solutions Inc.
CX77144 SKYWORKS-CX77144 Datasheet
733Kb / 12P
   Power Amplifier Module for CDMA (887-925 MHz)
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
   925 MHz to 960 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com