Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4790DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP4790DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4790DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGP4790DPBF Datasheet HTML 1Page - International Rectifier IRGP4790DPBF Datasheet HTML 2Page - International Rectifier IRGP4790DPBF Datasheet HTML 3Page - International Rectifier IRGP4790DPBF Datasheet HTML 4Page - International Rectifier IRGP4790DPBF Datasheet HTML 5Page - International Rectifier IRGP4790DPBF Datasheet HTML 6Page - International Rectifier IRGP4790DPBF Datasheet HTML 7Page - International Rectifier IRGP4790DPBF Datasheet HTML 8Page - International Rectifier IRGP4790DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRGP4790DPbF/IRGP4790D-EPbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 12, 2014
2
4
6
8
10
12
14
16
VGE (V)
0
45
90
135
180
225
TJ = 25°C
TJ = 175°C
0
50
100
150
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
Fig. 13 - Typ. Transfer Characteristics
VCE = 50V; tp = 20µs
0
20
40
60
80
100
120
RG ()
10
100
1000
10000
tR
tdOFF
tF
tdON
Fig. 15 - Typ. Switching Time vs. IC
TJ = 175°C; L = 200µH; VCE = 400V, RG = 10; VGE = 15V
Fig. 16 - Typ. Energy Loss vs. RG
TJ = 175°C; L = 200µH; VCE = 400V, ICE = 75A; VGE = 15V
0
25
50
75
100
125
150
IC (A)
0
2
4
6
8
10
12
EOFF
EON
0
25
50
75
100
Rg ()
2
3
4
5
6
7
8
9
10
11
EOFF
EON
Fig. 14 - Typ. Energy Loss vs. IC
TJ = 175°C; L = 200µH; VCE = 400V, RG = 10; VGE = 15V
Fig. 17 - Typ. Switching Time vs. RG
TJ = 175°C; L = 200µH; VCE = 400V, ICE = 75A; VGE = 15V
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 38A
ICE= 75A
ICE= 150A
Fig. 12 - Typical VCE vs. VGE
TJ = 175°C


Similar Part No. - IRGP4790DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4790PBF IRF-IRGP4790PBF Datasheet
781Kb / 11P
   Insulated Gate Bipolar Transistor
IRGP4790PBF IRF-IRGP4790PBF_15 Datasheet
781Kb / 11P
   Insulated Gate Bipolar Transistor
More results

Similar Description - IRGP4790DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com