Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1106 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1106 Datasheet HTML 1Page - Maxim Integrated Products MAX1106 Datasheet HTML 2Page - Maxim Integrated Products MAX1106 Datasheet HTML 3Page - Maxim Integrated Products MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
V
Single-Supply, Low-Power,
Serial 8-Bit ADCs
4
_______________________________________________________________________________________
Figure 6, DOUT High-Z
Figure 6, DOUT High-Z
pF
15
COUT
Three-State Output Capacitance
µA
±0.01
±10
IL
Three-State Leakage Current
Figure 1, CLOAD = 100pF
Figure 1, CLOAD = 100pF
ns
20
200
tDO
SCLK Fall to Output Data Valid
ns
CONDITIONS
240
tDV
CONVST Rise to Output Enable
ns
200
tCH
SCLK Pulse Width High
µs
1
tCSPW
CONVST Pulse Width High
µs
1
tACQ
Acquisition Time
µs
35
tCONV
CONVST Fall to Output Data
Valid
External reference
Figure 2, CLOAD = 100pF
Internal reference (Note 9)
µs
20
ns
240
tSHDN
SHDN Fall to Output Disable
ms
12
tWAKE
Wake-Up Time
Figure 2, CLOAD = 100pF
ns
240
tTR
SCLK Low to Output Disable
ns
200
tCL
SCLK Pulse Width Low
ns
100
tSCC
SCLK Low to CONVST Rise
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
ISOURCE = 0.5mA
ISINK = 16mA
0.4
V
VDD - 0.5
VOH
Output High Voltage
V
0.8
VOL
Output Low Voltage
ELECTRICAL CHARACTERISTICS—MAX1106 (continued)
(VDD = +2.7V to +3.6V; IN- to GND; fSCLK = 2MHz; 25ksps conversion rate; 1µF capacitor at REFOUT; external +2.048V reference at
REFIN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
DIGITAL OUTPUT (DOUT)
TIMING CHARACTERISTICS (Figures 6 and 7)


Similar Part No. - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11060GUU MAXIM-MAX11060GUU Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11060GUU++ MAXIM-MAX11060GUU+ Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU++ MAXIM-MAX11068GUU+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX11068GUU/V++ MAXIM-MAX11068GUU/V+ Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
More results

Similar Description - MAX1106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com