Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1091BEEI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1091BEEI
Description  250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1091BEEI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1091BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 11Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 12Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 13Page - Maxim Integrated Products MAX1091BEEI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow each input channel to
swing within (GND - 300mV) to (VDD + 300mV) without
damage. However, for accurate conversions near full
scale, both inputs must not exceed (VDD + 50mV) or be
less than (GND - 50mV).
If an off-channel analog input voltage exceeds the sup-
plies by more than 50mV, limit the forward-bias input
current to 4mA.
Track/Hold
The MAX1091/MAX1093 T/H stage enters its tracking
mode on the rising edge of WR. In external acquisition
mode, the part enters its hold mode on the next rising
edge of WR. In internal acquisition mode, the part
enters its hold mode on the fourth falling edge of clock
after writing the control byte. Note that, in internal clock
mode, this occurs approximately 1µs after writing the
control byte. In single-ended operation, IN- is connected
to COM and the converter samples the positive (+)
input. In pseudo-differential operation, IN- connects to
the negative input (-), and the difference of
(IN+) - (IN-) is
sampled. At the beginning of the next conversion, the
positive input connects back to IN+ and CHOLD
charges to the input signal.
The time required for the T/H stage to acquire an input
signal depends on how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens, and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal and is also the minimum time required for the
signal to be acquired. Calculate this with the following
equation:
tACQ = 7 (RS + RIN) CIN
where RS is the source impedance of the input signal,
RIN (800
Ω) is the input resistance, and CIN (12pF) is
the ADC’s input capacitance. Source impedances
below 3k
Ω have no significant impact on the MAX1091/
MAX1093’s AC performance.
Higher source impedances can be used if a 0.01µF
capacitor is connected to the individual analog inputs.
Together with the input impedance, this capacitor
forms an RC filter, limiting the ADC’s signal bandwidth.
Input Bandwidth
The MAX1091/MAX1093 T/H stage offers a 250kHz full-
linear and a 3MHz full-power bandwidth, enabling
these parts to use undersampling techniques to digitize
high-speed transients and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate.
To avoid high-frequency signals being aliased into the
frequency band of interest, anti-alias filtering is recom-
mended.
Starting a Conversion
Initiate a conversion by writing a control byte that
selects the multiplexer channel and configures the
MAX1091/MAX1093 for either unipolar or bipolar opera-
tion. A write pulse (WR + CS) can either start an acqui-
sition interval or initiate a combined acquisition plus
250ksps, +3V, 8-/4-Channel, 10-Bit ADCs
with +2.5V Reference and Parallel Interface
10
______________________________________________________________________________________
CH0
CH2
CH1
CH3
CH4
CH6
CH7
CH5
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
800
CHOLD
HOLD
10-BIT CAPACITIVE DAC
REF
ZERO
COMPARATOR
+
12pF
SINGLE-ENDED MODE: IN+ = CH0–CH7, IN- = COM
PSEUDO-DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, AND CH6/CH7
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 3a. MAX1091 Simplified Input Structure
CH0
CH1
CH2
CH3
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
800
CHOLD
HOLD
10-BIT CAPACITIVE DAC
REF
ZERO
COMPARATOR
+
12pF
SINGLE-ENDED MODE: IN+ = CH0–CH3, IN- = COM
PSEUDO-DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1 AND CH2/CH3
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 3b. MAX1093 Simplified Input Structure


Similar Part No. - MAX1091BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109 MAXIM-MAX109 Datasheet
436Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
Rev 0; 4/07
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1090AEEI MAXIM-MAX1090AEEI Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
More results

Similar Description - MAX1091BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com