Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1085ACSA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1085ACSA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1085ACSA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1085ACSA Datasheet HTML 4Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 5Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 6Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 7Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 8Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 9Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 10Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 11Page - Maxim Integrated Products MAX1085ACSA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
8
_______________________________________________________________________________________
_______________Detailed Description
Converter Operation
The MAX1084/MAX1085 use an input track/hold (T/H)
and successive-approximation register (SAR) circuitry to
convert an analog input signal to a digital 10-bit output.
Figure 3 shows the MAX1084/MAX1085 in their simplest
configuration. The internal reference is trimmed to 2.5V.
The serial interface requires only three digital lines
(SCLK, CS, and DOUT) and provides an easy interface to
microprocessors (
µPs).
The MAX1084/MAX1085 have two modes: normal and
shutdown. Pulling SHDN low shuts the device down and
reduces supply current to 2µA (typ); pulling SHDN high
puts the device into operational mode. Pulling CS low ini-
tiates a conversion that is driven by SCLK. The conver-
sion result is available at DOUT in unipolar serial format.
The serial data stream consists of three zeros, followed
by the data bits (MSB first). All transitions on DOUT
occur 20ns after the rising edge of SCLK. Figures 8 and
9 show the interface timing information.
Analog Input
Figure 4 shows the sampling architecture of the ADC’s
comparator. The full-scale input voltage is set by the
internal reference (VREF = +2.5V).
Track/Hold
In track mode, the analog signal is acquired and stored
in the internal hold capacitor. In hold mode, the T/H
switch opens and maintains a constant input to the
ADC’s SAR section.
During acquisition, the analog input AIN charges
capacitor CHOLD. Bringing CS low ends the acquisition
interval. At this instant, the T/H switches the input side
of CHOLD to GND. The retained charge on CHOLD repre-
sents a sample of the input, unbalancing node ZERO at
the comparator’s input.
In hold mode, the capacitive digital-to-analog converter
(DAC) adjusts during the remainder of the conversion
cycle to restore node ZERO to 0 within the limits of 10-
bit resolution. This action is equivalent to transferring a
charge from CHOLD to the binary-weighted capacitive
DOUT
DOUT
6k
DGND
CLOAD = 20pF
CLOAD = 20pF
6k
DGND
VDD
b) HIGH-Z TO VOL AND VOH TO VOL
a) HIGH-Z TO VOH AND VOL TO VOH
DOUT
DOUT
6k
DGND
CLOAD = 20pF
CLOAD = 20pF
6k
DGND
VDD
b) VOLTO HIGH-Z
a) VOH TO HIGH-Z
Figure 1. Load Circuits for DOUT Enable Time
Figure 2. Load Circuits for DOUT Disable Time


Similar Part No. - MAX1085ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1085ACSA++ MAXIM-MAX1085ACSA+ Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1085ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com