Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-30889 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30889
Description  Flat Gain High Linearity Gain Block
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30889 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-30889 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30889 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Figure 12. S12 over Frequency and Temperature
Figure 13. Noise Figure over Frequency and Temperature
Typical Performance (0.2GHz - 2.6GHz)
TA = 25°C, Vdd =5V, Input Signal=CW. Application Test Circuit is shown in Figure 30 and Table 2.
Figure 14. Ids over Temperature
Figure 15. Gain over Frequency and Temperature
Figure 16. OIP3 over Frequency and Temperature
Figure 17. P1dB over Frequency and Temperature
Typical Performance (40MHz - 2GHz)
TA = 25°C, Vdd =5V, Input Signal=CW. Application Test Circuit is shown in Figure 30 and Table 1.
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
85°C
25°C
-40°C
85°C
25°C
-40°C
50
60
70
80
Temperature (°C)
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
Frequency (GHz)
10
11
12
13
14
15
16
17
Frequency (GHz)
15
16
17
18
19
20
21
22
23
24
25
Frequency (GHz)
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
25°C
-40°C


Similar Part No. - MGA-30889

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889-TR1G AVAGO-MGA-30889-TR1G Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
More results

Similar Description - MGA-30889

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com