Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1087EKA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1087EKA-T
Description  150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1087EKA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1087EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 9Page - Maxim Integrated Products MAX1087EKA-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
150ksps, 10-Bit, 2-Channel Single-Ended, and
1-Channel True-Differential ADCs in SOT23
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 3.0V, VREF = 2.5V for MAX1087/MAX1089 or VDD = 5.0V, VREF = +4.096V for MAX1086MAX1088, 0.1µF capacitor at REF,
fSCLK = 8MHz, (50% Duty Cycle), AIN- = GND for MAX1088/89, TA = +25°C, unless otherwise noted.)
0
100
50
250
200
150
300
-40
0
20
-20
40
60
80
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-1.00
-0.40
0.60
-0.80
0.00
-0.20
0.80
0.60
0.40
0.20
1.00
-40
-20
0
20
40
60
80
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0.4
0.6
0.8
0
1.0
2.7
3.7
4.2
3.2
4.7
5.2
OFFSET ERROR
vs. SUPPLY VOLTAGE
VDD (V)
-40
0
20
-20
40
60
80
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0.4
0.6
0.8
0
1.0
2.7
3.7
3.2
4.2
4.7
5.2
GAIN ERROR
vs. SUPPLY VOLTAGE
VDD (V)
-1.0
-0.6
-0.8
-0.2
-0.4
0.2
0.4
0.6
0.8
0
1.0
-140.00
-120.00
-100.00
-80.00
-60.00
-40.00
-20.00
0.00
20.00
030
15
45
60
FFT PLOT (SINAD)
FREQUENCY (kHz)
180
280
230
330
380
-40
0
-20
20
40
60
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX1087EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1087EKA-T MAXIM-MAX1087EKA-T Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1087EKA-T MAXIM-MAX1087EKA-T Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
More results

Similar Description - MAX1087EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com