Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-16216 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-16216
Description  Dual LNA for Balanced Application 1440 ??2350 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-16216 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-16216_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-16216_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Figure 18. Balanced Amplifier Demo Board Layout Diagram
Notes:
1. Recommended PCB material is 10 mils Rogers RO4350.
2. Suggested component values may vary according to layout and PCB material.
3. Input board loss at 1950 MHz is 0.18 dB.
BALANCED MODE APPLICATION
Electrical Specifications
TA = 25° C, Vdd1 = Vdd2 = 4.8 V, Vsd1 = Vsd2 = 0 V at Rbias = 1 Kohm, RF performance at 1950 MHz, CW operation unless
otherwise stated.
Symbol
Parameter and Test Condition
Units
Typ.
Vdd
Supply Voltage per amplifier
V
4.8
Idd
Supply Current per amplifier
mA
50
Gain
Gain
dB
18.6
NF
Noise Figure
dB
0.489
OP1dB
Output Power at 1dB Gain Compression
dBm
21.6
IIP3
Input Third Order Intercept Point
dBm
20.2
S11
Input Return Loss, 50 Ω source
dB
-28.8
S22
Output Return Loss, 50 Ω load
dB
-23.2
S12
Reverse Isolation
dB
-30.3
Balanced Amplifier Demo Board Layout
L2
L1
RFIN
R2
X1
C15 C14
C16
C3
MGA-16X16 Demoboard
(2-Port)
Rev 1
C5
C4
C20
L3
C17
APRIL 2011
C22
R8
C26
C21
C13
R6
C12
C18
R7
L4
C19
C9
X2
G 0.45mm
W 0.58mm
H 10mil
DK 3.48
RO4350
R9
R10
C7
R1
C1
C2
R3
C6
C23
C25
C10
C8
R4
C11
C24
RFOUT
R5


Similar Part No. - MGA-16216_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216-BLKG AVAGO-MGA-16216-BLKG Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
MGA-16216-TR1G AVAGO-MGA-16216-TR1G Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
More results

Similar Description - MGA-16216_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216 AVAGO-MGA-16216 Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
logo
Broadcom Corporation.
MGA-16216 BOARDCOM-MGA-16216 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316 AVAGO-MGA-16316_15 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
MGA-16116 BOARDCOM-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16316 BOARDCOM-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16316 AVAGO-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com