Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1086EKA-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1086EKA-T
Description  150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1086EKA-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1086EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX1086EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX1086–MAX1089 are low-cost, micropower, ser-
ial output 10-bit analog-to-digital converters (ADCs)
available in a tiny 8-pin SOT23. The MAX1086/MAX1088
operate with a single +5V supply. The MAX1087/MAX1089
operate with a single +3V supply. The devices feature a
successive-approximation ADC, automatic shutdown,
fast wake-up (1.4µs), and a high-speed 3-wire inter-
face. Power consumption is only 0.5mW (VDD = +2.7V)
at the maximum sampling rate of 150ksps.
Autoshutdown™ (0.1µA) between conversions results in
reduced power consumption at slower throughput
rates.
The MAX1086/MAX1087 provide 2-channel, single-
ended operation and accept input signals from 0 to
VREF. The MAX1088/MAX1089 accept true-differential
inputs ranging from 0 to VREF. Data is accessed using
an external clock through the 3-wire SPI™, QSPI™, and
MICROWIRE™–compatible serial interface. Excellent
dynamic performance, low-power, ease of use, and
small package size, make these converters ideal for
portable battery-powered data acquisition applications,
and for other applications that demand low power con-
sumption and minimal space.
Applications
Low Power Data Acquisition
Portable Temperature Monitors
Flowmeters
Touch Screens
Features
o Single-Supply Operation
+3V(MAX1087/MAX1089)
+5V(MAX1086/MAX1088)
o AutoShutdown Between Conversions
o Low Power
200µA at 150ksps
130µA at 100ksps
65µA at 50ksps
13µA at 10ksps
1.5µA at 1ksps
0.2µA in Shutdown
o True-Differential Track/Hold, 150kHz Sampling Rate
o Software-Configurable Unipolar/Bipolar
Conversion (MAX1088/MAX1089 only)
o SPI, QSPI, MICROWIRE–Compatible Interface for
DSPs and Processors
o Internal Conversion Clock
o 8-Pin SOT23 Package
150ksps, 10-Bit, 2-Channel Single-Ended, and
1-Channel True-Differential ADCs in SOT23
________________________________________________________________ Maxim Integrated Products
1
CNVST
REF
GND
1
2
8
7
SCLK
DOUT
AIN1 (AIN+)
AIN2 (AIN-)
VDD
SOT23-8
TOP VIEW
( ) ARE FOR THE MAX1088/MAX1089
3
4
6
5
MAX1086
MAX1087
MAX1088
MAX1089
Pin Configuration
19-2036; Rev 0; 5/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
AutoShutdown is a trademark of Maxim Integrated Products.
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX1086EKA-T
-40°C to +85°C
8 SOT23
AAEZ
MAX1087EKA-T
-40°C to +85°C
8 SOT23
AAEV
MAX1088EKA-T
-40°C to +85°C
8 SOT23
AAFB
MAX1089EKA-T
-40°C to +85°C
8 SOT23
AAEX


Similar Part No. - MAX1086EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086EKA-T MAXIM-MAX1086EKA-T Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086EKA-T MAXIM-MAX1086EKA-T Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
More results

Similar Description - MAX1086EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com