Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1080BEUP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1080BEUP
Description  300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1080BEUP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1080BEUP Datasheet HTML 1Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 2Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 3Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 4Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 5Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 6Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 7Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 8Page - Maxim Integrated Products MAX1080BEUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
300ksps/400ksps, Single-Supply, Low-Power,
8-Channel, Serial 10-Bit ADCs with Internal Reference
4
_______________________________________________________________________________________
VDD1 =
VDD2 =
5.5V
VDD1 = VDD2 = 5V ±10%, midscale input
CONDITIONS
mA
2.5
4.0
IVDD1+
IVDD2
Supply Current
V
4.5
5.5
VDD1,
VDD2
Positive Supply Voltage
(Note 9)
1.3
2.0
0.9
1.5
µA
210
mV
±0.5
±2.0
PSR
Power-Supply Rejection
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Normal operating mode (Note 10)
Reduced-power mode (Note 11)
Fast power-down mode (Note 11)
Full power-down mode (Note 11)
ELECTRICAL CHARACTERISTICS—MAX1080 (continued)
(VDD1 = VDD2 = +4.5V to +5.5V, COM = GND, fSCLK = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX1081
(VDD1 = VDD2 = +2.7V to +3.6V, COM = GND, fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
MAX1081A
SINAD > 58dB
-3dB point
fIN = 150kHz, VIN = 2.5Vp-p
fIN1 = 73kHz, fIN2 = 77kHz
MAX1081B
No missing codes over temperature
Up to the 5th harmonic
CONDITIONS
kHz
250
Full-Linear Bandwidth
MHz
3
Full-Power Bandwidth
dB
-78
Channel-to-Channel Crosstalk
(Note 4)
dB
76
IMD
Intermodulation Distortion
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
10
Resolution
dB
60
SINAD
Signal-to-Noise plus Distortion
Ratio
LSB
±0.2
Channel-to-Channel Offset-Error
Matching
ppm/°C
±1.6
Gain-Error Temperature
Coefficient
±1.0
LSB
±1.0
DNL
Differential Nonlinearity
LSB
±3.0
Offset Error
LSB
±3.0
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
POWER SUPPLY
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (75kHz sine-wave input, 2.5Vp-p, 300ksps, 4.8MHz clock, bipolar input mode)


Similar Part No. - MAX1080BEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
   `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
MAX108 MAXIM-MAX108 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082-MAX1083 MAXIM-MAX1082-MAX1083 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1082ACUE MAXIM-MAX1082ACUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results

Similar Description - MAX1080BEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com