Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MDR
Description  Spiral wound, ribbon element, nonflammable coating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MDR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MDR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MDR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MDR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MDR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 7
FEATURES
Spiral wound, ribbon element, nonflammable coating.
Excellent power dissipation, small size, high power ratings.
Excellent performance in heavy load applications.
Rugged construction for long life.
PART NUMBERING SYSTEM
MDR
160W
VALUE
J
RES. TOL. 5% = J
RESISTANCE 0R1 1R 100R
POWER RATING
MERITEK WIRE WOUND RESISTOR SERIES
ELECTRICAL PERFORMANCE
Characteristics
Limits
Resistance and resistance
tolerance
Range Resistance tolerance
±5%(J)
Temperature coefficient
FCHR-2 0.14X1.2m/m
1000~1200ppm/°C max
(according to the material)
Power rating load
ΔR/R ≤ ±(1% + 0.05Ω)
temperature 350°C max
Short-time overload
ΔR/R ≤ ±(2% + 0.05Ω)
Insulation resistance
DC500V 100M
Ω min
Dielectric withstanding voltage
AC2500V 1.5MA 1 minute
Wire-Wound Power Resistor
MDR / MDQR / MZR


Similar Part No. - MDR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MDR TEC-MDR Datasheet
352Kb / 2P
   AC and DC coils, latching and non-latching
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
MDR-10 MEANWELL-MDR-10 Datasheet
238Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-10 TOTAL-POWER-MDR-10 Datasheet
236Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10-12 MEANWELL-MDR-10-12 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - MDR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1210 ABRACON-AISC-1210 Datasheet
2Mb / 4P
   Epoxy coating protects wound wire
12.28.12
logo
Vishay Siliconix
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
   Protective Coating
Revision: 25-May-05
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
   Protective Coating
Revision 10-Jan-03
logo
List of Unclassifed Man...
4223 ETC-4223 Datasheet
162Kb / 5P
   Urethane Conformal Coating
KS10N ETC1-KS10N Datasheet
91Kb / 1P
   Spiral Wraps
logo
Extech Instruments Corp...
CG204 EXTECH-CG204 Datasheet
162Kb / 1P
   Coating Thickness Tester
logo
Ohmite Mfg. Co.
RES-270 OHMITE-RES-270 Datasheet
385Kb / 2P
   Flame resistant coating
logo
OEN India Limited
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
   Spiral Wrap
logo
OSRAM GmbH
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
   Blue effect without coating
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
   Spiral Chip Inductor
Revision: 14-Mar-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com