Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1084 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1084
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1084 Datasheet HTML 1Page - Maxim Integrated Products MAX1084 Datasheet HTML 2Page - Maxim Integrated Products MAX1084 Datasheet HTML 3Page - Maxim Integrated Products MAX1084 Datasheet HTML 4Page - Maxim Integrated Products MAX1084 Datasheet HTML 5Page - Maxim Integrated Products MAX1084 Datasheet HTML 6Page - Maxim Integrated Products MAX1084 Datasheet HTML 7Page - Maxim Integrated Products MAX1084 Datasheet HTML 8Page - Maxim Integrated Products MAX1084 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1085 (continued)
(VDD = +2.7V to +3.6V, fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), 4.7µF capacitor at REF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SINAD > 58dB
-3dB point
fIN1 = 99kHz, fIN2 =102kHz
Up to the 5th harmonic
CONDITIONS
ps
<50
Aperture Jitter
ns
10
Aperture Delay
ns
625
tACQ
Track/Hold Acquisition Time
µs
3.3
tCONV
Conversion Time (Note 4)
kHz
250
Full-Linear Bandwidth
MHz
3
Full-Power Bandwidth
dB
76
IMD
Intermodulation Distortion
dB
70
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
dB
60
SINAD
Signal-to-Noise Plus Distortion
Ratio
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
VIN = 0 or VDD
TA = +25°C
0 to 0.75mA output load
V
0.4
VOL
Output Voltage Low
pF
15
CIN
Input Capacitance
µA
±1
IIN
Input Leakage
V
0.2
VHYST
Input Hysteresis
V
0.8
VINL
Input Low Voltage
V
2.0
VINH
Input High Voltage
µF
4.7
10
Capacitive Bypass at REF
mV/mA
0.1
2.0
Load Regulation (Note 5)
ppm/°C
±15
TC VREF
REF Output Tempco
%
40
60
MHz
0.5
4.8
fSCLK
Serial Clock Frequency
Duty Cycle
mA
15
REF Short Circuit Current
V
2.48
2.50
2.52
VREF
REF Output Voltage
V
0
2.5
VAIN
Input Voltage Range
pF
18
CIN
Input Capacitance
CS = 3V
CS = 3V
ISOURCE = 0.5mA
pF
15
COUT
Three-State Output Capacitance
µA
±10
IL
Three-State Leakage Current
V
VDD - 0.5V
VOH
Output Voltage High
V
2.7
3.6
VDD
Positive Supply Voltage (Note 6)
VDD = 3.6V
mA
2.5
3.5
IDD
Positive Supply Current (Note 7)
SCLK = VDD, SHDN = GND
µA
210
ISHDN
Shutdown Supply Current
VDD = 2.7V to 3.6V, midscale input
mV
±0.5
±2.0
PSR
Power-Supply Rejection
DYNAMIC SPECIFICATIONS (75kHz sinewave, 2.5Vp-p, fSAMPLE = 300ksps, fSCLK = 4.8MHz)
CONVERSION RATE
INTERNAL REFERENCE
DIGITAL INPUTS (SCLK,CS, SHDN)
DIGITAL OUTPUTS (DOUT)
ANALOG INPUT
POWER SUPPLY


Similar Part No. - MAX1084

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084ACSA++ MAXIM-MAX1084ACSA+ Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084AESA++ MAXIM-MAX1084AESA+ Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084BCSA++ MAXIM-MAX1084BCSA+ Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084BESA++ MAXIM-MAX1084BESA+ Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1084

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com