Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCB Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MCB
Description  Effective EMI protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MCB Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MCB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MCB Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
 
 
 
Rev. 7
 
Mutilayer Chip Bead
MERITEK
MCB Series
MCB05 Standard Type
Impedance
(Ω)
Tolerance
Test Frequency
(MHz)
DCR
(Ω) max.
Rated Current
(mA) max.
5
±25%
100
0.10
600
7
±25%
100
0.10
600
9
±25%
100
0.10
600
10
±25%
100
0.10
600
11
±25%
100
0.10
600
12
±25%
100
0.10
600
15
±25%
100
0.10
600
17
±25%
100
0.10
600
19
±25%
100
0.10
600
22
±25%
100
0.10
600
26
±25%
100
0.10
600
28
±25%
100
0.10
600
30
±25%
100
0.10
600
31
±25%
100
0.10
600
32
±25%
100
0.10
600
33
±25%
100
0.10
500
39
±25%
100
0.10
500
40
±25%
100
0.10
500
42
±25%
100
0.10
500
47
±25%
100
0.10
500
50
±25%
100
0.10
500
52
±25%
100
0.15
500
56
±25%
100
0.15
500
60
±25%
100
0.15
500
70
±25%
100
0.15
500
75
±25%
100
0.15
500
80
±25%
100
0.15
500
90
±25%
100
0.15
500
95
±25%
100
0.15
500
100
±25%
100
0.25
300
120
±25%
100
0.25
300
150
±25%
100
0.25
300
180
±25%
100
0.30
300
200
±25%
100
0.30
300
220
±25%
100
0.3
300
240
±25%
100
0.3
300
300
±25%
100
0.3
300
330
±25%
100
0.3
300
400
±25%
100
0.3
300
420
±25%
100
0.3
300
430
±25%
100
0.4
300
450
±25%
100
0.4
300
470
±25%
100
0.4
300
500
±25%
100
0.4
300
600
±25%
100
0.4
300
680
±25%
100
0.4
300
750
±25%
100
0.5
200
1000
±25%
100
0.5
200
1200
±25%
100
0.6
200
1500
±25%
100
0.6
200
2000
±25%
100
0.7
200
2200
±25%
100
0.7
200
2500
±25%
100
0.7
200
2700
±25%
100
0.7
200
 
 
 
 


Similar Part No. - MCB

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MCB SEI-MCB Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
List of Unclassifed Man...
MCB-01 ETC2-MCB-01 Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01B ETC2-MCB-01B Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01BG ETC2-MCB-01BG Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01G ETC2-MCB-01G Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
More results

Similar Description - MCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EEA TEC-EEA Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
Tyco Electronics
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
   Cost-effective EMI Power Inlet Filter
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
   The cost effective EMI suppression alternative
logo
Texas Instruments
BQ2970 TI1-BQ2970 Datasheet
1Mb / 31P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit
logo
Laird Tech Smart Techno...
ECE126 LSTD-ECE126 Datasheet
183Kb / 1P
   Retains strong EMI protection
ECE116 LSTD-ECE116 Datasheet
1Mb / 1P
   Retains strong EMI protection
logo
Diodes Incorporated
AL8808 DIODES-AL8808 Datasheet
3Mb / 20P
   COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
logo
International Rectifier
AFM704A IRF-AFM704A Datasheet
45Kb / 3P
   EMI FILTER / PROTECTION HYBRID
AFM704A IRF-AFM704A_15 Datasheet
50Kb / 3P
   EMI FILTER / PROTECTION HYBRID
logo
STMicroelectronics
EMIF01-10005W5 STMICROELECTRONICS-EMIF01-10005W5 Datasheet
159Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com