Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4078DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4078DPBF
Description  Low Switching Losses
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4078DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4078DPBF_15 Datasheet HTML 1Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 2Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 3Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 4Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 5Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 6Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 7Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 8Page - International Rectifier IRGP4078DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRGP4078DPbF/EP
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 17, 2014
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 100µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
0.45
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.9
2.2
V
IC = 50A, VGE = 15V, TJ = 25°C
2.5
IC = 50A, VGE = 15V, TJ = 150°C
  
2.6
IC = 50A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 1.0mA
gfe
Forward Transconductance
26
S
VCE = 50V, IC = 50A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
1.0
80
µA
VGE = 0V, VCE = 600V
  
600
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
1.17
1.30
V
IF = 25A
1.06
IF = 25A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
Qg
Total Gate Charge (turn-on)
61
92
IC = 50A
Qge
Gate-to-Emitter Charge (turn-on)
20
30
nC 
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
22
33
 
VCC = 300V
Eoff
Turn-Off Switching Loss
1.1
1.4
mJ
IC = 50A, VCC = 400V, VGE = 15V
RG = 10, L = 210µH, TJ = 25°C
td(off)
Turn-Off delay time
116
ns 
Energy losses include tail & diode 
tf
Fall time
33
 
reverse recovery
Eoff
Turn-Off Switching Loss
1.5
mJ
IC = 50A, VCC = 400V, VGE=15V
RG = 10, L = 210µH, TJ = 175°C
td(off)
Turn-Off delay time
113
ns
Energy losses include tail & diode 
tf
Fall time
54
 
reverse recovery
Cies
Input Capacitance
2105
VGE = 0V
Coes
Output Capacitance
131
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
59
f = 1.0Mhz
TJ = 175°C, IC = 200A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp ≤ 600V
Rg = 10
, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
µs
VCC = 400V, Vp ≤ 600V
Rg = 10
, VGE = +15V to 0V
Notes:
VCC = 80% (VCES), VGE = 20V, L = 23µH, RG = 10.
Pulse width limited by max. junction temperature.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
fsw = 20KHz, refer to figure 19.
Ris measured at TJ of approximately 90°C.
Sinusoidal half wave, t = 10ms.
Thermal Resistance
  
 
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT) Thermal Resistance Junction-to-Case-(each IGBT)
–––
–––
0.54
RθJC (Diode) Thermal Resistance Junction-to-Case-(each Diode)
–––
–––
2.55
°C/W
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
40


Similar Part No. - IRGP4078DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
More results

Similar Description - IRGP4078DPBF_15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
   low switching losses
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
   low switching losses
November 2010 Rev 1
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
   low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRGB4064DPBF IRF-IRGB4064DPBF_15 Datasheet
379Kb / 11P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF_15 Datasheet
320Kb / 10P
   Low Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com