Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-4643 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADA-4643
Description  Silicon Bipolar Darlington Amplifi er
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADA-4643 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADA-4643 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADA-4643 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ADA-4643 Typical Scattering Parameters, TA = 25° C, Id = 60 mA
Freq.
GHz
S11
S21
S12
S22
K
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.126
2.4
17.88
7.834
175.9
0.089
-0.7
0.194
-3.8
1.1
0.5
0.165
18.1
17.73
7.696
159.9
0.088
-3.8
0.196
-9.9
1.1
0.9
0.252
19.6
17.36
7.377
144.3
0.085
-6.4
0.227
-16.1
1.1
1.0
0.261
16.4
17.24
7.28
140.6
0.085
-6.9
0.233
-18.8
1.1
1.5
0.33
2
16.63
6.787
123.3
0.081
-8.2
0.244
-33.2
1.1
1.9
0.359
-7.4
16.16
6.424
110.3
0.079
-8.4
0.241
-44.4
1.1
2.0
0.365
-9.8
16.05
6.343
107.2
0.078
-8.4
0.239
-47.2
1.1
2.5
0.386
-21
15.49
5.948
91.9
0.077
-7.8
0.221
-61
1.2
3.0
0.387
-31.5
14.98
5.61
77.4
0.077
-6.7
0.195
-76.8
1.2
3.5
0.381
-43
14.49
5.301
63.1
0.078
-5.5
0.168
-96.2
1.3
4.0
0.363
-56
14.02
5.025
49
0.081
-4.3
0.153
-120.3
1.3
4.5
0.344
-70.7
13.58
4.777
35
0.086
-3.5
0.157
-146.9
1.3
5.0
0.323
-87.3
13.04
4.488
21
0.093
-3.7
0.172
-169.4
1.2
5.5
0.31
-105.8
12.54
4.235
7.5
0.101
-4.6
0.195
173.4
1.2
6.0
0.301
-123.6
11.98
3.971
-6.2
0.111
-6.9
0.22
158.2
1.2
6.5
0.281
-140.6
11.44
3.735
-19.4
0.124
-10.2
0.239
141.4
1.1
7.0
0.257
-159.9
10.9
3.507
-32.7
0.138
-15.2
0.262
122.5
1.1
7.5
0.228
176.3
10.29
3.271
-46.3
0.151
-21.5
0.294
103
1.1
8.0
0.212
145.6
9.61
3.022
-59.8
0.161
-28.6
0.333
84.3
1.1
8.5
0.218
117.8
8.72
2.728
-72.4
0.169
-35.6
0.38
69.5
1.1
9.0
0.257
92.7
7.94
2.494
-84.1
0.178
-41.8
0.429
57.9
1.1
9.5
0.302
72.9
6.98
2.234
-96.4
0.189
-48.9
0.482
47.9
1
10.0
0.359
57.7
6.11
2.02
-107.7
0.196
-56.4
0.531
39.2
1
Notes:
1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead.
The output reference plane is at the end of the output lead.


Similar Part No. - ADA-4643

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4643-BLK HP-ADA-4643-BLK Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4643-BLKG HP-ADA-4643-BLKG Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4643-TR1 HP-ADA-4643-TR1 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4643-TR1G HP-ADA-4643-TR1G Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
More results

Similar Description - ADA-4643

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
MSA-0486 AVAGO-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Broadcom Corporation.
MSA-0386 BOARDCOM-MSA-0386 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
MSA-0486 BOARDCOM-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Sanyo Semicon Device
SMA3103 SANYO-SMA3103 Datasheet
412Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3101 SANYO-SMA3101 Datasheet
345Kb / 5P
   Silicon MMIC Wideband Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com