Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-4543 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADA-4543
Description  Silicon Bipolar Darlington Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADA-4543 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADA-4543 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADA-4543 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ADA-4543 Typical Scattering Parameters, TA = 25°C, Id = 30 mA
Freq.
S11
S21
S12
S22
K
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.17
171.3
17.29
7.32
175.8
0.096
0.1
0.105
173.1
1.1
0.5
0.179
129.9
17.15
7.206
160.6
0.097
-0.3
0.108
133.8
1.0
0.9
0.223
89.4
16.92
7.017
145.3
0.099
-1.3
0.12
87.2
1.0
1.0
0.226
82.7
16.82
6.931
141.5
0.099
-1.7
0.123
78.5
1.0
1.5
0.257
48.6
16.19
6.449
123.5
0.1
-3.9
0.137
45.2
1.0
1.9
0.277
30.9
15.61
6.035
110.5
0.1
-5.6
0.147
27.3
1.0
2.0
0.283
26.4
15.48
5.941
107.4
0.1
-6
0.15
23.6
1.0
2.5
0.298
9.4
14.77
5.478
92.7
0.1
-7.7
0.153
8.6
1.1
3.0
0.299
-4.6
14.14
5.095
79.1
0.1
-8.9
0.145
-2.7
1.1
3.5
0.289
-18.1
13.56
4.766
65.9
0.101
-9.6
0.128
-12.6
1.2
4.0
0.266
-32.3
13.07
4.502
53.3
0.102
-9.9
0.104
-24
1.2
4.5
0.244
-49
12.64
4.284
40.6
0.105
-9.9
0.074
-41.4
1.3
5.0
0.22
-68.7
12.14
4.048
27.9
0.109
-10.2
0.051
-71
1.3
5.5
0.204
-91.9
11.70
3.848
15.5
0.116
-10.5
0.047
-116
1.3
6.0
0.201
-115.7
11.25
3.651
2.9
0.126
-12
0.062
-154.1
1.3
6.5
0.196
-137.6
10.80
3.468
-9.3
0.139
-14.3
0.075
176.7
1.2
7.0
0.188
-162.3
10.38
3.305
-21.6
0.154
-18.2
0.091
145.3
1.2
7.5
0.189
167.9
9.93
3.137
-34.2
0.17
-23.8
0.12
114.5
1.1
8.0
0.205
135.4
9.43
2.962
-47
0.184
-30.6
0.165
88.8
1.1
8.5
0.24
109.5
8.75
2.739
-59.3
0.196
-37.6
0.221
71.7
1.1
9.0
0.303
88.3
8.17
2.561
-71
0.208
-44.3
0.282
59.4
1.1
9.5
0.361
70.9
7.38
2.339
-83.4
0.221
-52
0.345
49.6
1.0
10.0
0.429
57.2
6.69
2.161
-94.8
0.231
-60
0.405
40.9
1.0
Notes:
1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The
output reference plane is at the end of the output lead.


Similar Part No. - ADA-4543

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4543-BLK HP-ADA-4543-BLK Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4543-BLKG HP-ADA-4543-BLKG Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4543-TR1 HP-ADA-4543-TR1 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
ADA-4543-TR1G HP-ADA-4543-TR1G Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
More results

Similar Description - ADA-4543

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
MSA-0486 AVAGO-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Broadcom Corporation.
MSA-0386 BOARDCOM-MSA-0386 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
MSA-0486 BOARDCOM-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Sanyo Semicon Device
SMA3103 SANYO-SMA3103 Datasheet
412Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3101 SANYO-SMA3101 Datasheet
345Kb / 5P
   Silicon MMIC Wideband Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com