Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1062 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1062
Description  14-Bit, %V, 200ksps ADC with 10關A Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1062 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1062 Datasheet HTML 9Page - Maxim Integrated Products MAX1062 Datasheet HTML 10Page - Maxim Integrated Products MAX1062 Datasheet HTML 11Page - Maxim Integrated Products MAX1062 Datasheet HTML 12Page - Maxim Integrated Products MAX1062 Datasheet HTML 13Page - Maxim Integrated Products MAX1062 Datasheet HTML 14Page - Maxim Integrated Products MAX1062 Datasheet HTML 15Page - Maxim Integrated Products MAX1062 Datasheet HTML 16Page - Maxim Integrated Products MAX1062 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
time between the falling edge of the sampling clock
and the instant when the actual sample is taken.
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital
samples, signal-to-noise ratio (SNR) is the ratio of the
full-scale analog input (RMS value) to the RMS quanti-
zation error (residual error). The ideal, theoretical mini-
mum analog-to-digital noise is caused by quantization
noise error only and results directly from the ADCs res-
olution (N bits):
SNR = (6.02 x N + 1.76)dB
In reality, there are other noise sources besides quanti-
zation noise: thermal noise, reference noise, clock jitter,
etc. SNR is computed by taking the ratio of the RMS
signal to the RMS noise, which includes all spectral
components minus the fundamental, the first five har-
monics, and the DC offset.
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the
fundamental input frequency’s RMS amplitude to the
RMS equivalent of all the other ADC output signals.
Effective Number of Bits
Effective number of bits (ENOB) indicate the global
accuracy of an ADC at a specific input frequency and
sampling rate. An ideal ADC error consists of quantiza-
tion noise only. With an input range equal to the full-
scale range of the ADC, calculate the effective number
of bits as follows:
ENOB = (SINAD – 1.76) / 6.02
Figure 13 shows the effective number of bits as a func-
tion of the MAX1062’s input frequency.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of the first five harmonics of the input signal to the
fundamental itself. This is expressed as:
where V1 is the fundamental amplitude and V2 through
V5 are the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next largest fre-
quency component.
Supplies, Layout, Grounding
and Bypassing
Use PC boards with separate analog and digital
ground planes. Do not use wire-wrap boards. Connect
the two ground planes together at the MAX1062 (pin 3).
Isolate the digital supply from the analog with a low-
value resistor (10
Ω) or ferrite bead when the analog
and digital supplies come from the same source
(Figure 14).
THD
VVVV
V
+++
20
1
2
2
3
2
4
2
5
2
log
SINAD dB
Signal
Noise
Distortion
RMS
RMS
(
)
log
+
()
20
14-Bit, +5V, 200ksps ADC with 10µA Shutdown
______________________________________________________________________________________
15
0.1
10
100
INPUT FREQUENCY (kHz)
1
14
0
2
4
6
8
12
10
fSAMPLE = 200kHz
Figure 13. Effective Bits vs. Input Frequency
SCLK
DOUT
AGND
DGND
AIN
10
REF
AVDD
DVDD
DOUT
SCLK
CS
AIN
VREF
+5V
4.7
µF
0.1
µF
0.1
µF
GND
MAX1062
CS
Figure 14. Powering AVDD and DVDD from a Single Supply


Similar Part No. - MAX1062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062 MAXIM-MAX1062 Datasheet
232Kb / 8P
   Fully Assembled and Tested
Rev 1; 12/06
MAX1062ACUB MAXIM-MAX1062ACUB Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062AEUB MAXIM-MAX1062AEUB Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1062BCUB MAXIM-MAX1062BCUB Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
More results

Similar Description - MAX1062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX194 MAXIM-MAX194 Datasheet
223Kb / 24P
   14-Bit, 85ksps ADC with 10A Shutdown
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com